Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 3Page - STMicroelectronics L6718 Datasheet HTML 4Page - STMicroelectronics L6718 Datasheet HTML 5Page - STMicroelectronics L6718 Datasheet HTML 6Page - STMicroelectronics L6718 Datasheet HTML 7Page - STMicroelectronics L6718 Datasheet HTML 8Page - STMicroelectronics L6718 Datasheet HTML 9Page - STMicroelectronics L6718 Datasheet HTML 10Page - STMicroelectronics L6718 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
DocID023399 Rev 3
7/71
L6718
Typical application circuit and block diagram
1
Typical application circuit and block diagram
1.1
Application circuit
Figure 1. Typical 4-phase application circuit
LS1
L1
CHF
Rtcm
Ctcm
+12V
Rg
BOOT
UGATE
PHASE
LGATE
VCC
EN
PWM4
CS3P
SC3N
SCSP
SCSN
SBOOT
VR12 μ P LOAD
VR12 SVID
CSOUT
CSMLCC
PWM
GND
CDEC
CF
RF
CI
RI
RFB
CP
RGND
VSEN
FB
COMP
IMON
CSF
RSF
CSI
RSI
RSFB
CSP
SRGND
SVSEN
SFB
SCOMP
SIMON
CLTB
RLTB
LTB
SPHASE
+7V
VCC5
+5V
GND
(PAD)
VR_HOT
EN
REF
SREF/JEN
+5V
ST L6718
ST L6718 (4+1) Reference schematic
COUT
CMLCC
HS1
LSs
Ls
CHF
Rtcm_s
Ctcm_s
+12V
Rg_s
HSs
LS2
L2
CHF
Rtcm
Ctcm
+12V
Rg
HS2
LS3
L3
CHF
Rtcm
Ctcm
+12V
Rg
HS3
LS4
L4
CHF
Rtcm
Ctcm
+12V
RG
HS4
+12V
BOOT
UGATE
PHASE
LGATE
VCC
EN
PWM
GND
CDEC
+12V
PWM3
SLGATE
SHGATE
CS1P
CS1N
BOOT1
PHASE1
LGATE1
HGATE1
CS2P
CS2N
BOOT2
PHASE2
LGATE2
HGATE2
OSC/FLT
SOSC/SFLT
ENABLE
SVREADY
VREADY
VRHOT
TM
CONF1/PSI1
TCOMP
STCOMP/DDR
CONF0/PSI0
SCL/CONFIG3
SDA/CONFIG2
VCC12
RSIMON
+5V
CSREF RSREF
CREF RREF
RIMON
STM
RGate
RGate
RGate
RGate
RGate
RGate
RGate
RGate
RGate
RGate
Rboot
Rboot
Rboot
Rboot
Rboot
Cboot
Cboot
Cboot
Cboot
Cboot
AM12875v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com