Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 40Page - STMicroelectronics L6718 Datasheet HTML 41Page - STMicroelectronics L6718 Datasheet HTML 42Page - STMicroelectronics L6718 Datasheet HTML 43Page - STMicroelectronics L6718 Datasheet HTML 44Page - STMicroelectronics L6718 Datasheet HTML 45Page - STMicroelectronics L6718 Datasheet HTML 46Page - STMicroelectronics L6718 Datasheet HTML 47Page - STMicroelectronics L6718 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
L6718 power manager
L6718
44/71
DocID023399 Rev 3
Table 15. SMBus interface commands
Command
code
Command name
and type
Body
type
Description
D0h
SetVID
Read/Write
8b
byte
Sets VOUT, refer to Table 16: SMBus VID
Default 00h
D1h
VOUTMAX
Read/Write
8b
byte
Sets maximum limit for VOUT = VID+OFFSET.
It is not related to VR12 register.
Default BFh (2.145 V)
D2h
DOMAIN
Read/Write
1b
byte
If bit0=“0”, VR12 SVID sets VOUT.
If bit0=“1”, SMBus interface is able to set VOUT through
SetVID command and bypass the SVID bus indication.
Default 00h
D3h
DPMTH1
Read/Write
8b
byte
Sets the DPM threshold from 1-phase switching to 2-
phase switching in percentage of IMAX.
Default 26h (15% IMAX)
D4h
DPMTH2
Read/Write
8b
byte
Sets the DPM threshold from 2-phase switching to 3-
phase switching in percentage of IMAX.
Default 40h (25% IMAX)
D5h
DPMTH3
Read/Write
8b
byte
Sets the DPM threshold from 3-phase switching to 4-
phase switching in percentage of IMAX.
Default 66h (40% IMAX)
D6h
OVP
Read/Write
1b
byte
If bit0=“0” : OVP is set to VID+OFFSET+500 mV
If bit0=“1” : OVP is set to VID+OFFSET+175 mV
Default 00h (+500 mV)
D7h
OCP
Read/Write
1b
byte
If bit0=“0” : OCP is set to 125% of IMAX
If bit0=“1” : OCP is set to 137% of IMAX
Default 00h (125%)
D8h
DROOP
Read/Write
2b
byte
If bit1 and bit0=“00” : DROOP is set ON to 100%
If bit1 and bit0=“01” : DROOP is set ON to 50%
If bit1 and bit0=“11” : DROOP is set OFF
Default 00h (100%DROOP)
D9h
CONFIG
Read/Write
5b
byte
If bit0=“1”, a minimal switching frequency in VFDE is
enabled, otherwise VFDE has no down limitation.
If bit1=“1”, VFDE is enabled,
otherwise VFDE is disabled.
If bit2=“1”, DPM is enabled in PS0 with the default
threshold, otherwise it is disabled (only core feature).
If bit3=“1”, DPM is enabled in PS1 and the device can
change from 2 to 1-phase switching with the default
threshold (DPMTH1), otherwise it is disabled (only core
feature).
If bit4=“1”, the device uses 2-phase switching in PS1,
otherwise the device uses 1-phase (only core feature).
Default multi-phase rail 1Bh
Default single-phase rail 0Bh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com