Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 13Page - STMicroelectronics L6718 Datasheet HTML 14Page - STMicroelectronics L6718 Datasheet HTML 15Page - STMicroelectronics L6718 Datasheet HTML 16Page - STMicroelectronics L6718 Datasheet HTML 17Page - STMicroelectronics L6718 Datasheet HTML 18Page - STMicroelectronics L6718 Datasheet HTML 19Page - STMicroelectronics L6718 Datasheet HTML 20Page - STMicroelectronics L6718 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
DocID023399 Rev 3
17/71
L6718
Pin description and connection diagrams
41
PWM3 /
SPWM
Third phase PWM output of multi-phase rail or PWM output for single-
phase rail.
Connect to external driver PWM input if this channel is used.
Internally pull up to 3.3 V, connect to external driver PWM3 when channel
3 is used (seeTable 7 for details). The device is able to manage HiZ status
by setting the pin floating.
If SWAP mode is selected by pinstrapping Config0, it must be connected
to single-phase external driver SPWM, see Section 6.3 for details.
42
PHASE1
Channel 1 HS driver return path.
It must be connected to the HS1 MOSFET source and provides return
path for the HS driver of channel 1.
43
HGATE1
Channel 1 HS driver output.
It must be connected to the HS1 MOSFET gate. A small series resistor
helps to reduce the device-dissipated power and the negative phase
spike.
44
BOOT1
Channel 1 HS driver supply.
Connect through a capacitor (220 nF typ.) and a resistor (2.2 Ohm typ.) to
PHASE1 and provide a Schottky bootstrap diode. A small resistor in
series to the boot diode helps to reduce boot capacitor overcharge.
45
VCC12
7 V supply.
It is the low-side driver supply. It must be connected to the 7 V bus and
filtered with 2 x 1 µf MLCC caps vs. GND.
46
BOOT2
Channel 2 high-side driver supply.
Connect through a capacitor (220 nF typ.) and a resistor (2.2 Ohm typ.) to
PHASE2 and provide a Schottky bootstrap diode. A small resistor in
series to the boot diode helps to reduce boot capacitor overcharge.
47
HGATE2
Channel 2 high-side driver output.
It must be connected to the HS2 MOSFET gate. A small series resistor
helps to reduce the device-dissipated power and the negative phase spike
48
PHASE2
Channel 2 HS driver return path.
It must be connected to the HS2 MOSFET source and provides a return
path for the HS driver of channel 2.
49
LGATE2
Channel 2 low-side driver output.
It must be connected to the LS2 MOSFET gate. A small series resistor
helps to reduce device-dissipated power.
50
LGATE1
Channel 1 low-side driver output.
It must be connected to the LS1 MOSFET gate. A small series resistor
helps to reduce device-dissipated power.
51
SVREADY
Single-phase rail VREADY
Open drain output set free after SS has finished and pulled low when
triggering any protection on the single-phase rail. Pull up to a voltage
lower than 3.3 V (typ.), if not used it can be left floating.
Table 2. Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com