Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 34Page - STMicroelectronics L6718 Datasheet HTML 35Page - STMicroelectronics L6718 Datasheet HTML 36Page - STMicroelectronics L6718 Datasheet HTML 37Page - STMicroelectronics L6718 Datasheet HTML 38Page - STMicroelectronics L6718 Datasheet HTML 39Page - STMicroelectronics L6718 Datasheet HTML 40Page - STMicroelectronics L6718 Datasheet HTML 41Page - STMicroelectronics L6718 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
Device configuration
L6718
38/71
DocID023399 Rev 3
6.6.5
CONFIG2
If the SMBus is disable by CONFIG0, the CONFIG2/SDA pin is set as pinstrapping
CONFIG2. In this condition it is possible to select the OVP and OFFSET of the multi-phase
and single rail (see Table 12).
The overvoltage protection can be set in tracking mode. OVP = VID + OFFSET + Threshold.
Threshold can be selected between +175 mV and +500 mV.
75
18
90 °C
0
66 A
76 A
88 A
ON
ON
39
11
90 °C
1
54 A
66 A
76 A
OFF
OFF
120
39
90 °C
1
54 A
66 A
76 A
OFF
ON
43
16
90 °C
1
54 A
66 A
76 A
ON
OFF
120
51
90 °C
1
54 A
66 A
76 A
ON
ON
82
39
90 °C
1
66 A
76 A
88 A
OFF
OFF
56
30
90 °C
1
66 A
76 A
88 A
OFF
ON
20
12
90 °C
1
66 A
76 A
88 A
ON
OFF
36
24
90 °C
1
66 A
76 A
88 A
ON
ON
27
20
120 °C
0
54 A
66 A
76 A
OFF
OFF
68
56
120 °C
0
54A
66A
76A
OFF
ON
47
43
120 °C
0
54 A
66 A
76 A
ON
OFF
14,7
15
120 °C
0
54 A
66 A
76 A
ON
ON
24
27
120 °C
0
66 A
76 A
88 A
OFF
OFF
24
30
120 °C
0
66 A
76 A
88 A
OFF
ON
13
18
120 °C
0
66 A
76 A
88 A
ON
OFF
33
51
120 °C
0
66 A
76 A
88 A
ON
ON
36
62
120 °C
1
54 A
66A
76 A
OFF
OFF
39
75
120 °C
1
54 A
66 A
76 A
OFF
ON
18
39
120 °C
1
54 A
66 A
76 A
ON
OFF
16
39
120 °C
1
54 A
66 A
76 A
ON
ON
13
36
120 °C
1
66 A
76 A
88 A
OFF
OFF
16
51
120 °C
1
66 A
76 A
88 A
OFF
ON
27
100
120 °C
1
66 A
76 A
88 A
ON
OFF
18
110
120 °C
1
66 A
76 A
88 A
ON
ON
1.
Suggested values, divider must be connected between VCC5 pin and GND.
Table 11. CONFIG1/PSI1 pinstrapping in DDR MODE (continued)
Pinstrapping (1)
divider (KOhm)
TMAX
Add/
DOM
IMAX
Droop
Jmode
R up
R down
2-phase
3-phase
4-phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com