Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 36Page - STMicroelectronics L6718 Datasheet HTML 37Page - STMicroelectronics L6718 Datasheet HTML 38Page - STMicroelectronics L6718 Datasheet HTML 39Page - STMicroelectronics L6718 Datasheet HTML 40Page - STMicroelectronics L6718 Datasheet HTML 41Page - STMicroelectronics L6718 Datasheet HTML 42Page - STMicroelectronics L6718 Datasheet HTML 43Page - STMicroelectronics L6718 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
Device configuration
L6718
40/71
DocID023399 Rev 3
6.6.6
CONFIG3
If the SMBus is disabled by CONFIG0, it is possible to use the CONFIG3/SCL pin as
pinstrapping CONFIG3. In this condition it is possible to select the OCP, VFDE, DPM
strategy and enable.
Using CONFIG3 pinstrapping it is possible to set:
a)
OCP - The average overcurrent can be selected between 125% and 137% of
IMAX in both sections (see Section 9.2).
b)
DPM strategy - If DPM is enabled, the device performs the automatic phase
shading on the multi-phase rail (seeSection 7.3). The phase cutting follows the
strategy selected in percentage of IMAX based on voltage sensed on the IMON
pin.
c)
VFDE - Variable frequency diode emulation can be enabled/disabled.
ULTRASONIC limits the switching frequency to 30 KH (see Section 7.4).
d)
DPMEN - Automatic dynamic phase management (seeSection 7.3) of the multi-
phase rail can be enabled or disabled when the system runs in PS0. In PS1 the
L6718 switches, from 2-phase to 1-phase, a threshold of 15% of IMAX even if
DPMEN is disabled.
With DPM off it is possible to disable the droop function.
27
100
+175 mV
+300 mV
+200 mV
18
110
+175 mV
+300 mV
+300 mV
1.
Suggested values, divider must be connected between VCC5 pin and GND.
Table 12. CONFIG2/SDA pinstrapping (continued)
Pinstrapping (1)
divider (KOhm)
OVP
(above VID+OFFSET)
Offset multi-rail
Offset single-rail
R up
R
down
Table 13. CONFIG3/SCL pinstrapping
Pinstrapping (1)
divider (KOhm)
OCP(2)
DPM strategy (2)
VFDE
enable
DPM
enable
DROOP
R up
R down
1ph-
>2ph
2ph-
>3ph
3ph-
>4ph
750
10
125%
15%
OFF
OFF
ON
390
16
125%
15%
25%
40%
OFF
ON
ON
390
27
125%
15%
ON
OFF
OFF
150
15
125%
15%
25%
40%
ON
ON
ON
91
12
125%
15%
OFF
OFF
ON
91
15
125%
20%
30%
45%
OFF
ON
ON
100
20
125%
20%
ON
OFF
OFF
75
18
125%
20%
30%
45%
ON
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com