Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 1 Page - STMicroelectronics

  L6718 Datasheet HTML 1Page - STMicroelectronics L6718 Datasheet HTML 2Page - STMicroelectronics L6718 Datasheet HTML 3Page - STMicroelectronics L6718 Datasheet HTML 4Page - STMicroelectronics L6718 Datasheet HTML 5Page - STMicroelectronics L6718 Datasheet HTML 6Page - STMicroelectronics L6718 Datasheet HTML 7Page - STMicroelectronics L6718 Datasheet HTML 8Page - STMicroelectronics L6718 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
This is information on a product in full production.
April 2013
DocID023399 Rev 3
1/71
71
L6718
Digitally controlled dual PWM with embedded drivers for VR12
processors
Datasheet
- production data
Features
• VR12 compliant with 25 MHz SVID bus rev. 1.5
• Second generation LTB Technology™
• Very compact dual controller:
– Up to 4 phases for core section with 2
internal drivers
– 1 phase for GFX section with internal driver
• Input voltage up to 12 V
• SMBus interface for power management
• SWAP, Jmode, multi-rail only support
• Programmable offset voltage
• Single NTC design for TM, LL and IMON
thermal compensation (for each section)
• VFDE for efficiency optimization
• DPM - dynamic phase management
• Dual differential remote sense
• 0.5% output voltage accuracy
• Full-differential current sense across DCR
• AVP - adaptive voltage positioning
• Programmable switching frequency
• Dual current monitor
• Pre-biased output management
• High-current embedded drivers optimized for
7 V operation
• OC, OV, UV and FB disconnection protection
• Dual VR_READY
• VFQFPN56 7x7 mm package with exposed
pad
Applications
• High-current VRM / VRD for desktop / server /
new generation workstation CPUs
• DDR3 DDR4 memory supply for VR12
Description
The L6718 is a very compact, digitally controlled
and cost effective dual controller designed to
power Intel® VR12 processors. Dedicated
pinstrapping is used to program the main
parameters.
The device features from 2 to 4-phase
programmable operation for the core section
providing 2 embedded drivers. A single-phase
with embedded driver and with independent
control loop is used for GFX.
The L6718 supports power state transitions
featuring VFDE and a programmable DPM,
maintaining the best efficiency over all loading
conditions without compromising transient
response.
Second generation LTB Technology™ allows a
minimal cost output filter providing fast load
transient response. The controller assures fast
and independent protection against load
overcurrent, under/overvoltage and feedback
disconnections.
The device is available in VFQFPN56, 7x7 mm
compact package with exposed pad.
VFQFPN56 -7x7 mm
Table 1. Device summary
Order code
Package
Packaging
L6718
VFQFPN56 7x7 mm
Tray
L6718TR
VFQFPN56 7x7 mm
Tape and reel
www.st.com


Similar Part No. - L6718

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Mar-2004
L6711 STMICROELECTRONICS-L6711 Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
L6711 STMICROELECTRONICS-L6711 Datasheet
633Kb / 50P
3 Phase controller with dynamic VID and selectable DACs
18-Apr-2006
L6711TR STMICROELECTRONICS-L6711TR Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
L6711TR STMICROELECTRONICS-L6711TR Datasheet
633Kb / 50P
3 Phase controller with dynamic VID and selectable DACs
18-Apr-2006
More results

Similar Description - L6718

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556 Datasheet
111Kb / 12P
Octal SMBus Registered Interface
1998 Dec 18
logo
ATMEL Corporation
AT83C24 ATMEL-AT83C24 Datasheet
723Kb / 42P
Smart Card Reader Interface with Power Management
AT73C213 ATMEL-AT73C213 Datasheet
754Kb / 35P
Power Management for Mobiles (PM) / Audio Interface for Portable Handsets
logo
ON Semiconductor
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
logo
ATMEL Corporation
AT83C24B ATMEL-AT83C24B_07 Datasheet
457Kb / 42P
Smart Card Reader Interface with Power Management
logo
Freescale Semiconductor...
13892 FREESCALE-13892 Datasheet
3Mb / 75P
Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
Power Management and User Interface IC
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
Power Management and User Interface IC
logo
EM Microelectronic - MA...
EM8500 EMMICRO-EM8500 Datasheet
1Mb / 34P
POWER MANAGEMENT CONTROLLER WITH ENERGY HARVESTING INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com