Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 9Page - STMicroelectronics L6718 Datasheet HTML 10Page - STMicroelectronics L6718 Datasheet HTML 11Page - STMicroelectronics L6718 Datasheet HTML 12Page - STMicroelectronics L6718 Datasheet HTML 13Page - STMicroelectronics L6718 Datasheet HTML 14Page - STMicroelectronics L6718 Datasheet HTML 15Page - STMicroelectronics L6718 Datasheet HTML 16Page - STMicroelectronics L6718 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
DocID023399 Rev 3
13/71
L6718
Pin description and connection diagrams
10
RGND
Remote ground sense pin.
Connect to the negative side of the load to perform remote sense.
See Section 14 for proper layout of this connection.
11
VSEN
Output voltage monitor pin.
Manages OVP/UVP protection and feedback disconnection. Connect to
the positive side of the load to perform remote sense. A fixed 50 uA
current is sourced from this pin.
See Section 14 for proper layout of this connection.
12
LTB
Load transient boost technology input pin.
Internally fixed at 1.67 V, connecting RLTB - CLTB vs. VOUT allows the load
transient boost technology to be enabled, as soon as the device detects a
transient load it turns on all the phases at the same time. Short to SGND
to disable the function.
See Section 12.2 for details.
13
FB
Error amplifier inverting input.
Connect with an RFB to VSEN and (RF - CF)// CP to COMP.
A current proportional to the load current is sourced from this pin in order
to implement the droop effect. See Section 8.2 for details.
14
COMP
Error amplifier output.
Connect with (RF - CF)// CP to FB.
The device cannot be disabled by pulling down this pin.
15
IMON
Current monitor output.
A current proportional to the multi-phase rail output current is sourced
from this pin. Connect through a resistor RIMON to GND to show a voltage
proportional to the current load. Based on pin voltage level, DPM and
overcurrent protection can be triggered. Filtering through CIMON to GND
allows control of the delay. See Section 9.2 for RIMON definition.
16
REF
The reference used for the regulation of the multi-phase rail section is
available on this pin with -100 mV + offset. Connect through an RREF-
CREF to RGND to optimize DVID transitions. See Section 8.6 for details.
Table 2. Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com