Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 18Page - STMicroelectronics L6718 Datasheet HTML 19Page - STMicroelectronics L6718 Datasheet HTML 20Page - STMicroelectronics L6718 Datasheet HTML 21Page - STMicroelectronics L6718 Datasheet HTML 22Page - STMicroelectronics L6718 Datasheet HTML 23Page - STMicroelectronics L6718 Datasheet HTML 24Page - STMicroelectronics L6718 Datasheet HTML 25Page - STMicroelectronics L6718 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
Electrical specifications
L6718
22/71
DocID023399 Rev 3
kIMON
IMON accuracy (MPhase)
IINFOx=0 μA; N=4;
RG=810 Ω; RFB=2.125 kΩ
-1.5
1.5
μA
IINFOx=20 μA; N=4;
RG=810 Ω; RFB=2.125 kΩ
-2
2
μA
kSIMON
SIMON accuracy
(SPhase)
ISCSN=0 μA;
RG=1.1 kΩ; RFB=6.662 kΩkΩ
-0.75
0.75
μA
ISCSN=20 μA;
RG=1.1 kΩ; RFB=6.662
-1
1
μA
A0
EA DC gain
100
dB
SR
Slew rate
COMP, SCOMP to GND = 10 pF
20
V/
μs
DVID
Slew rate fast
Multi-phase section
10
mV/
μs
Slew rate slow
2.5
mV/
μs
DVID
Slew rate fast
Single-phase section
10
mV/
μs
Slew rate slow
2.5
mV/
μs
IMON ADC
GetReg(15h)
VIMON = 0.992 V
CC
Hex
Accuracy
C0
CF
Hex
PWM OUTPUTS
PWM3 /
SPWM
Output high
I = 1 mA
5
V
Output low
I = -1 mA
0.2
V
IPWM3,IPWM4 Pull-up current
10
μA
Protection (both sections)
OVP
Overvoltage protection
VSEN rising; wrt Ref.
+175
mV
VSEN rising; wrt Ref.
+500
mV
UVP
Undervoltage protection
VSEN falling; wrt Ref; Ref > 500 mV
-500
mV
FBR DISC
FB disconnection
Vcs - rising above VSEN/SVSEN
+700
FBG DISC
FBG disconnection
EA NI input wrt VID
+500
VREADY,
SVREADY,
VRHOT
Voltage low
I = - 4 mA
0.4
V
VOC_TOT
Overcurrent threshold
VIMON, VSIMON rising
1.70
V
1.55
V
IOC_TH
Constant current
35
μA
VRHOT
Voltage low
ISINK = -5 mA
13
m
Ω
Gate drives control
tRISE_UGATE High-side rise time
BOOTx - PHASEx =7 V
CUGATE to GND=3.3 nF
20
ns
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com