Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 24Page - STMicroelectronics L6718 Datasheet HTML 25Page - STMicroelectronics L6718 Datasheet HTML 26Page - STMicroelectronics L6718 Datasheet HTML 27Page - STMicroelectronics L6718 Datasheet HTML 28Page - STMicroelectronics L6718 Datasheet HTML 29Page - STMicroelectronics L6718 Datasheet HTML 30Page - STMicroelectronics L6718 Datasheet HTML 31Page - STMicroelectronics L6718 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
Device configuration
L6718
28/71
DocID023399 Rev 3
6
Device configuration
The device is designed to provide power supply to the Intel VR12 CPUs, DDR memory and
also for DC-DC power supply general purposes. It features a universal serial data bus fully
compliant with Intel VR12/IMVP7 protocol rev. 1.5. document #456098. The controller can
be set to work in 2 main configurations: CPU mode and DDR mode which include also the
settings for DC-DC general purposes.
In CPU mode the device is able to manage the multi-phase rail to supply the Intel CPU
CORE section while single-phase rail can be used for the graphics section embedded on
the VR12 CPUs.
Setting the DDR mode, the device uses the multi-phase rail to provide the DDR memory
power supply (or DC-DC for general purposes) and it is possible to select the single-phase
rail to supply the VTT termination voltage.
Setting SWAP mode moves all three embedded drivers to run for the multi-phase rail
section while an external PWM provides the regulation for the single-phase. In this
configuration the single-phase rail can also be disabled, therefore moving the device to run
with the multi-phase rail only (MRO mode).
Setting Jmode, the single-phase rail becomes an independent DC-DC converter with enable
and Power Good (SVREADY.
The 2 main configurations (CPU mode and DDR mode) can be combined with SWAP mode,
MRO mode and Jmode in order to maximize the number of device configurations to fit any
motherboard.
6.1
CPU mode
The device enters CPU mode by connecting the STCOMP/DDR pin to an external divider.
After the soft-start the controller uses the STCOMP pin for thermal monitoring (see
Section 10.3).
In this configuration the device provides the power supply for the VR12 CPU CORE section
by using the multi-phase rail while, if Jmode and MRO are disabled, the single-phase rail is
used to supply the VR12 CPU GPU section.
The controller use 00h as SVID bus address for the multi-phase rail while the single-phase
rail, if used for the GPU section, is addressed by 01h, following the SVID Intel specifications
for VR12 CPUs. In MRO mode it is possible to address the CPU with 00h or 01h.
In CPU mode it is possible to set up the Jmode, Swap mode and MRO mode in order to
have maximum flexibility for the power supply solution.
6.2
DDR mode
DDR mode can be enabled by shorting the STCOMP/DDR pin to GND.
During the startup, the device reads the voltage on the STCOMP/DDR pin and, if it is under
0.3 V, the DDR mode is set up and the device is able to supply DDR memory or the DC-DC
converter for general purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com