Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 37Page - STMicroelectronics L6718 Datasheet HTML 38Page - STMicroelectronics L6718 Datasheet HTML 39Page - STMicroelectronics L6718 Datasheet HTML 40Page - STMicroelectronics L6718 Datasheet HTML 41Page - STMicroelectronics L6718 Datasheet HTML 42Page - STMicroelectronics L6718 Datasheet HTML 43Page - STMicroelectronics L6718 Datasheet HTML 44Page - STMicroelectronics L6718 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
DocID023399 Rev 3
41/71
L6718
Device configuration
39
11
125%
25%
OFF
OFF
ON
120
39
125%
25%
35%
50%
OFF
ON
ON
43
16
125%
25%
ON
OFF
OFF
120
51
125%
25%
35%
50%
ON
ON
ON
82
39
125%
30%
OFF
OFF
ON
56
30
125%
30%
40%
55%
OFF
ON
ON
20
12
125%
30%
ON
OFF
OFF
36
24
125%
30%
40%
55%
ON
ON
ON
27
20
137%
15%
OFF
OFF
ON
68
56
137%
15%
25%
40%
OFF
ON
ON
47
43
137%
15%
ON
OFF
OFF
14,7
15
137%
15%
25%
40%
ON
ON
ON
24
27
137%
20%
OFF
OFF
ON
24
30
137%
20%
30%
45%
OFF
ON
ON
13
18
137%
20%
ON
OFF
OFF
33
51
137%
20%
30%
45%
ON
ON
ON
36
62
137%
25%
OFF
OFF
ON
39
75
137%
25%
35%
50%
OFF
ON
ON
18
39
137%
25%
ON
OFF
OFF
16
39
137%
25%
35%
50%
ON
ON
ON
13
36
137%
30%
OFF
OFF
ON
16
51
137%
30%
40%
55%
OFF
ON
ON
27
100
137%
30%
ON
OFF
OFF
18
110
137%
30%
40%
55%
ON
ON
ON
1.
Suggested values, divider must be connected between VCC5 pin and GND.
2.
In percentage of IMAX.
Table 13. CONFIG3/SCL pinstrapping (continued)
Pinstrapping (1)
divider (KOhm)
OCP(2)
DPM strategy (2)
VFDE
enable
DPM
enable
DROOP
R up
R down
1ph-
>2ph
2ph-
>3ph
3ph-
>4ph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com