Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 28Page - STMicroelectronics L6718 Datasheet HTML 29Page - STMicroelectronics L6718 Datasheet HTML 30Page - STMicroelectronics L6718 Datasheet HTML 31Page - STMicroelectronics L6718 Datasheet HTML 32Page - STMicroelectronics L6718 Datasheet HTML 33Page - STMicroelectronics L6718 Datasheet HTML 34Page - STMicroelectronics L6718 Datasheet HTML 35Page - STMicroelectronics L6718 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Device configuration
L6718
32/71
DocID023399 Rev 3
6.6.1
CONFIG0 in CPU mode
Config0/PSI0 is a multi-functional pin, during startup, it is used as CONFIG0 pinstrapping to
select the device configuration.
CONFIG0 select (see Table 8):
a)
SWAP mode: Set SWAP ON to enter SWAP mode. As a consequence, all 3
embedded drivers run for the multi-phase rail (see Section 6.3).
b)
SMBus: Set SMBus OFF to disable SMBus function. As a consequence, pins
CONFIG2/SDA and CONFIG3/SCL are used as pinstrapping CONFIG2 and
CONFIG3 (see Section 6.6.5 and Section 6.6.6). If SMBus is set ON, pins
CONFIG2/SDA and CONFIG3/SCL are set as serial data (SDA) and serial clock
(SCL) used for the SMBus communication (see Section 7.1).
c)
If Jmode is set ON by CONFIG1 pinstrapping (see Section 6.6.3), it is possible to
select the serial VID address of the rail between 00h and 01h. This option can be
useful in designs where multi-phase rail is necessary for the graphics section. The
boot voltage for the multi-phase rail can be selected from 0.9 V, 1 V and 1,1 V,
which are for debug mode, while operating mode is set to 0 V.
d)
If Jmode is set OFF and the single-phase rail is used to supply the graphics (no
MRO mode condition), it is possible to set the single-phase rail between 30 A and
35 A while the voltage boot can change between 0 V and 1 V for the multi-phase
rail and 0 V, 0,9 V, 1 V and 1,1 V for the single-phase rail. The only operating
mode configuration is 0 V for both rails.
e)
If the PMW3/SPMW pin is floating and CONFIG0 is set with SWAP to ON, the
device is configured in multi-phase rail only (MRO). In MRO the single-phase rail
is OFF so CONFIG0 is set as in point c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com