Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 33Page - STMicroelectronics L6718 Datasheet HTML 34Page - STMicroelectronics L6718 Datasheet HTML 35Page - STMicroelectronics L6718 Datasheet HTML 36Page - STMicroelectronics L6718 Datasheet HTML 37Page - STMicroelectronics L6718 Datasheet HTML 38Page - STMicroelectronics L6718 Datasheet HTML 39Page - STMicroelectronics L6718 Datasheet HTML 40Page - STMicroelectronics L6718 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
DocID023399 Rev 3
37/71
L6718
Device configuration
6.6.4
CONFIG1 in DDR mode (STCOMP=GND)
If the STCOM/DDR pin is short to GND, the device is set in DDR mode.
Using the CONFIG1 pin it is possible to select (see Table 14):
a)
TMAX. Maximum temperature can be set between 90 °C and 120 °C.
b)
Address_Domain. It is possible to select the SMBus address (see Table 14).
c)
IMAX. The multi-phase maximum current can be selected between 2 values
according to the number of switching phases of the multi-phase rail.
d)
Droop. If the droop function is enabled, the current on the FB pin is 50% of the
total current read (Section 8.2).
e)
Jmode. Jmode configuration can be set (see Section 6.4). In MRO mode single-
phase rail remains off and by setting Jmode it is possible to change the multi-
phase rail switching phase number (see Table 7).
33
51
110 °C
75 A
112 A
130 A
ON
36
62
120 °C
55 A
65 A
100 A
OFF
39
75
120 °C
55 A
65 A
100 A
ON
18
39
120 °C
60 A
75 A
112 A
OFF
16
39
120 °C
60 A
75 A
112 A
ON
13
36
120 °C
65 A
95 A
120 A
OFF
16
51
120 °C
65 A
95 A
120 A
ON
27
100
120 °C
75 A
112 A
130 A
OFF
18
110
120 °C
75 A
112 A
130 A
ON
1.
Suggested values, divider must be connected between VCC5 pin and GND.
Table 10. CONFIG1/PSI1 pinstrapping in CPU MODE (continued)
Pinstrapping (1)
divider (KOhm)
TMAX
IMAX
Jmode
R up
R down
2-phase
3-phase
4-phase
Table 11. CONFIG1/PSI1 pinstrapping in DDR MODE
Pinstrapping (1)
divider (KOhm)
TMAX
Add/
DOM
IMAX
Droop
Jmode
R up
R down
2-phase
3-phase
4-phase
750
10
90 °C
0
54 A
66 A
76 A
OFF
OFF
390
16
90 °C
0
54 A
66 A
76 A
OFF
ON
390
27
90 °C
0
54 A
66 A
76 A
ON
OFF
150
15
90 °C
0
54 A
66 A
76 A
ON
ON
91
12
90 °C
0
66 A
76 A
88 A
OFF
OFF
91
15
90 °C
0
66 A
76 A
88 A
OFF
ON
100
20
90 °C
0
66 A
76 A
88 A
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com