Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 25Page - STMicroelectronics L6718 Datasheet HTML 26Page - STMicroelectronics L6718 Datasheet HTML 27Page - STMicroelectronics L6718 Datasheet HTML 28Page - STMicroelectronics L6718 Datasheet HTML 29Page - STMicroelectronics L6718 Datasheet HTML 30Page - STMicroelectronics L6718 Datasheet HTML 31Page - STMicroelectronics L6718 Datasheet HTML 32Page - STMicroelectronics L6718 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
DocID023399 Rev 3
29/71
L6718
Device configuration
The multi-phase rail can be configured to supply DDR2, DDR3 and DDR4 while, if Jmode
and MRO mode are disabled, the single-phase rail is set automatically to supply the DDR
voltage termination VDDQ/2 (reference is to VSEN/2) and the SIMAX embedded register is
fixed at 30 A.
The main characteristics are fixed by pinstrapping (see Section 6.6) and the single NTC
thermal compensation is disabled on the single-phase rail.
In DDR mode it is possible to set up the Jmode, Swap mode and MRO mode in order to
have maximum flexibility for the power supply solution.
6.3
SWAP mode
SWAP mode can be configured by the CONFIG0 pinstrapping pin (see Section 6.6.1 and
Section 6.6.2).
If SWAP mode is selected, the device swaps the embedded driver of the single-phase rail
PWM with the third phase PWM3.
This means that the single-rail becomes the third phase driver for the multi-phase rail
section. As a consequence, the single-rail PWM signal is provided on the PWM3/SPWM pin
and the single-phase rail runs with an external driver. There is no change for PWM4.
Using all three embedded drivers for the multi-phase rail section guarantees a very compact
solution for high integrated VRM design while the external driver single-rail section can be
the optimal solution VRM single-phase designed far from the controller.
Once SWAP mode is enabled the VFDE on the single-phase rail is disabled and it can not
be turned on by the SMBus or pinstrapping.
6.3.1
MRO - multi-phase rail only
If SWAP mode is set and the PWM3/SPWM pin is left floating, the system is configured with
the single-phase rail disabled. This configuration sets the controller to switch with only the
multi-phase rail (MRO - multi-phase rail only) ignoring any event on the single-phase rail.
The number of switching phase can be enabled by using PWM4 (see Table 7).
If the device is configured in MRO mode and in CPU mode, it is possible to select the SVID
bus addressing between 00h and 01h by the CONFIG0 pin (see Section 6.6.1 and
Figure 7. SWAP mode
PWM4
PWM3
DrS
Multiphase Rail
Singlephase Rail
PWM4
PWMS
Dr3
Multiphase Rail
Singlephase Rail
No SWAP mode
SWAP mode
AM12881v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com