Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 35Page - STMicroelectronics L6718 Datasheet HTML 36Page - STMicroelectronics L6718 Datasheet HTML 37Page - STMicroelectronics L6718 Datasheet HTML 38Page - STMicroelectronics L6718 Datasheet HTML 39Page - STMicroelectronics L6718 Datasheet HTML 40Page - STMicroelectronics L6718 Datasheet HTML 41Page - STMicroelectronics L6718 Datasheet HTML 42Page - STMicroelectronics L6718 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
DocID023399 Rev 3
39/71
L6718
Device configuration
External offset can be added to the internal voltage reference VID on both sections (no
offset, 100 mV, 200 mV, 300 mV).
Table 12. CONFIG2/SDA pinstrapping
Pinstrapping (1)
divider (KOhm)
OVP
(above VID+OFFSET)
Offset multi-rail
Offset single-rail
R up
R
down
750
10
+500 mV
No offset
No offset
390
16
+500 mV
No offset
+100 mV
390
27
+500 mV
No offset
+200 mV
150
15
+500 mV
No offset
+300 mV
91
12
+500 mV
+100 mV
No offset
91
15
+500 mV
+100 mV
+100 mV
100
20
+500 mV
+100 mV
+200 mV
75
18
+500 mV
+100 mV
+300 mV
39
11
+500 mV
+200 mV
No offset
120
39
+500 mV
+200 mV
+100 mV
43
16
+500 mV
+200 mV
+200 mV
120
51
+500 mV
+200 mV
+300 mV
82
39
+500 mV
+300 mV
No offset
56
30
+500 mV
+300 mV
+100 mV
20
12
+500 mV
+300 mV
+200 mV
36
24
+500 mV
+300 mV
+300 mV
27
20
+175 mV
No offset
No offset
68
56
+175 mV
No offset
+100 mV
47
43
+175 mV
No offset
+200 mV
14,7
15
+175 mV
No offset
+300 mV
24
27
+175 mV
+100 mV
No offset
24
30
+175 mV
+100 mV
+100 mV
13
18
+175 mV
+100 mV
+200 mV
33
51
+175 mV
+100 mV
+300 mV
36
62
+175 mV
+200 mV
No offset
39
75
+175 mV
+200 mV
+100 mV
18
39
+175 mV
+200 mV
+200 mV
16
39
+175 mV
+200 mV
+300 mV
13
36
+175 mV
+300 mV
No offset
16
51
+175 mV
+300 mV
+100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com