Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 17Page - STMicroelectronics L6718 Datasheet HTML 18Page - STMicroelectronics L6718 Datasheet HTML 19Page - STMicroelectronics L6718 Datasheet HTML 20Page - STMicroelectronics L6718 Datasheet HTML 21Page - STMicroelectronics L6718 Datasheet HTML 22Page - STMicroelectronics L6718 Datasheet HTML 23Page - STMicroelectronics L6718 Datasheet HTML 24Page - STMicroelectronics L6718 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
DocID023399 Rev 3
21/71
L6718
Electrical specifications
UVLOVCC5
VCC5 turn-on
VCC5 rising
4.1
V
VCC5 turn-off
VCC5 falling
3
V
UVLOVCC12
VCC12 turn-on
VCC12 rising
4.75
V
VCC12 turn-off
VCC12 falling
4
V
Oscillator, soft-start and enable
MP FSW
Initial oscillator accuracy
OSC = open
180
200
220
kHz
MP FSW
Initial oscillator accuracy
OSC = 62 K
429
475
521
kHz
SP FSW
Initial oscillator accuracy
OSC = open
180
200
220
kHz
SP FSW
Initial oscillator accuracy
OSC = 62 K
450
500
550
kHz
VOSC
PWM ramp amplitude
1.5
V
FAULT
Voltage at pin SOSC
After latch
3
V
Voltage at pin OSC
After latch
3
V
SOFT
START
SS time
Vboot > 0, from pinstrapping; multi-
phase section
2.5
2.8
3.1
mV/
μs
Vboot > 0, from pinstrapping; single-
phase section
2.5
2.8
3.1
mV/
μs
ENABLE
Turn-on
VENABLE rising
0.65
V
Turn-off
VENABLE falling
0.4
V
SVI Serial Bus
SVCLCK,
SVDATA
Input high
0.6
V
Input low
0.4
V
SVDATA,
ALERT#
Voltage low (ACK)
ISINK = -5 mA
50
mV
Reference and current reading
KVID
VOUT accuracy (MPhase)
IOUT=0 A; N=4; RG= 810 Ω;
RFB=2.125 kΩ
-0.5
0.5
%
KSVID
VOUT accuracy (SPhase)
IOUT=0 A
RG=1.1 kΩ; RFB = 6.662 kΩ
-0.5
0.5
%
DROOP
LL accuracy (MPhase) 0
to full load
IINFOx=0; N=4; VID>1 V
RG=810 Ω; RFB=2.125 kΩ
-2.5
2
μA
DROOP
LL accuracy (MPhase) 0
to full load
IINFOx=20 μA; N=4; VID>1 V
RG=810 Ω; RFB=2.125 kΩ
-3.5
4
μA
SDROOP
LL accuracy (SPhase) 0
to full load
ISCSN=0; VID>1 V
RG=1.1 kΩ; RFB=6.662 kΩ
-0.75
0.75
μA
SDROOP
LL accuracy (SPhase) 0
to full load
ISCSN=20 μA;VID>1 V
RG=1.1 kΩ; RFB=6.662 kΩ
-1.5
1.5
μA
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com