Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 5Page - STMicroelectronics L6718 Datasheet HTML 6Page - STMicroelectronics L6718 Datasheet HTML 7Page - STMicroelectronics L6718 Datasheet HTML 8Page - STMicroelectronics L6718 Datasheet HTML 9Page - STMicroelectronics L6718 Datasheet HTML 10Page - STMicroelectronics L6718 Datasheet HTML 11Page - STMicroelectronics L6718 Datasheet HTML 12Page - STMicroelectronics L6718 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
DocID023399 Rev 3
9/71
L6718
Typical application circuit and block diagram
Figure 3. Typical 2-phase application circuit
LS2
L1
CHF
+12V
PWM4
CS3N
SC3P
SCSP
SCSN
SBOOT
VR12
μP LOAD
VR12 SVID
CSOUT
CSMLCC
CF
RF
CI
RI
RFB
CP
RGND
VSEN
FB
COMP
IMON
CSF
RSF
CSI
RSI
RSFB
CSP
SRGND
SVSEN
SFB
SCOMP
SIMON
CLTB
RLTB
LTB
SPHASE
+7V
VCC5
+5V
GND
(PAD)
EN
REF
SREF/JEN
+5V
ST L6718
ST L6718 (2+1) Reference Schematic
COUT
CMLCC
HS1
LSs
Ls
CHF
+12V
HSs
LS2
L2
CHF
+12V
HS2
PWM3
SLGATE
SHGATE
CS1P
CS1N
BOOT1
PHASE1
LGATE1
HGATE1
CS2P
CS2N
BOOT2
PHASE2
LGATE2
HGATE2
OSC/FLT
SOSC/SFLT
ENABLE
SVREADY
VREADY
VRHOT
TM
CONF1/PSI1
TCOMP
STCOMP/DDR
CONF0/PSI0
SCL/CONFIG3
SDA/CONFIG2
VCC12
RSIMON
+5V
CSREF RSREF
CREF
RREF
RIMON
STM
Rtcm_s
Ctcm_s
Rg_s
Rtcm
Ctcm
Rg
Rtcm
Ctcm
Rg
RGate
RGate
Rboot
Cboot
RGate
RGate
Rboot
Cboot
RGate
RGate
Rboot
Cboot
Rg
Rg
AM12877v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com