Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6718 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 32Page - STMicroelectronics L6718 Datasheet HTML 33Page - STMicroelectronics L6718 Datasheet HTML 34Page - STMicroelectronics L6718 Datasheet HTML 35Page - STMicroelectronics L6718 Datasheet HTML 36Page - STMicroelectronics L6718 Datasheet HTML 37Page - STMicroelectronics L6718 Datasheet HTML 38Page - STMicroelectronics L6718 Datasheet HTML 39Page - STMicroelectronics L6718 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
Device configuration
L6718
36/71
DocID023399 Rev 3
6.6.3
CONFIG1 in CPU mode
Config1/PSI1 is a multi-functional pin, during startup it is used as pinstrapping.
Setting the device in CPU mode it is possible to select:
a)
TMAX. Maximum temperature can be set from 90 °C, 100 °C, 110 °C and 120 °C.
b)
IMAX. Maximum current for the multi-phase rail can be selected by pinstrapping
as required by Intel specifications. The maximum current can be selected by 4
values which can change depending on the number of the phases selected (see
Section 6.5).
c)
Jmode. It is possible to set Jmode (see Section 6.4). In MRO mode the single-
phase rail remains off and Jmode bitstrapping is used to change the number of
switching phases (see Table 7).
Table 10. CONFIG1/PSI1 pinstrapping in CPU MODE
Pinstrapping (1)
divider (KOhm)
TMAX
IMAX
Jmode
R up
R down
2-phase
3-phase
4-phase
750
10
90 °C
55 A
65 A
100 A
OFF
390
16
90 °C
55 A
65 A
100 A
ON
390
27
90 °C
60 A
75 A
112 A
OFF
150
15
90 °C
60 A
75 A
112 A
ON
91
12
90 °C
65 A
95 A
120 A
OFF
91
15
90 °C
65 A
95 A
120 A
ON
100
20
90 °C
75 A
112 A
130 A
OFF
75
18
90 °C
75 A
112 A
130 A
ON
39
11
100 °C
55 A
65 A
100 A
OFF
120
39
100 °C
55 A
65 A
100 A
ON
43
16
100 °C
60 A
75 A
112 A
OFF
120
51
100 °C
60 A
75 A
112 A
ON
82
39
100 °C
65 A
95 A
120 A
OFF
56
30
100 °C
65 A
95 A
120 A
ON
20
12
100 °C
75 A
112 A
130 A
OFF
36
24
100 °C
75 A
112 A
130 A
ON
27
20
110 °C
55 A
65 A
100 A
OFF
68
56
110 °C
55 A
65 A
100 A
ON
47
43
110 °C
60 A
75 A
112 A
OFF
14,7
15
110 °C
60 A
75 A
112 A
ON
24
27
110 °C
65 A
95 A
120 A
OFF
24
30
110 °C
65 A
95 A
120 A
ON
13
18
110 °C
75 A
112 A
130 A
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com