Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 53 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 49Page - STMicroelectronics SPC564A80L7 Datasheet HTML 50Page - STMicroelectronics SPC564A80L7 Datasheet HTML 51Page - STMicroelectronics SPC564A80L7 Datasheet HTML 52Page - STMicroelectronics SPC564A80L7 Datasheet HTML 53Page - STMicroelectronics SPC564A80L7 Datasheet HTML 54Page - STMicroelectronics SPC564A80L7 Datasheet HTML 55Page - STMicroelectronics SPC564A80L7 Datasheet HTML 56Page - STMicroelectronics SPC564A80L7 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 157 page
background image
TCK
JTAG test clock input
P
01
—
I
VDDEH7
MultiV(12)
TCK / Down
TCK / Down
128
C16
D21
TDI
JTAG test data input
P
01
232
I
VDDEH7
MultiV(12)
TDI / Up
TDI / Up
130
E14
D22
TDO
JTAG test data output
P
01
228
O
VDDEH7
MultiV(12)
TDO / Up
TDO / Up
123
F14
E21
TMS
JTAG test mode select input
P
01
—
I
VDDEH7
MultiV(12)
TMS / Up
TMS / Up
131
D14
E20
JCOMP
JTAG TAP controller enable
P
01
—
I
VDDEH7
MultiV(12)
JCOMP / Down
JCOMP / Down
121
F16
F20
FlexCAN
CAN_A_TX
SCI_A_TX
GPIO[83]
FlexCAN A TX
eSCI A TX
GPIO
P
A1
G
01
10
00
83
O
O
I/O
VDDEH6
Slow
— / Up
— / Up
81
P12
Y17
CAN_A_RX
SCI_A_RX
GPIO[84]
FlexCAN A RX
eSCI A RX
GPIO
P
A1
G
01
10
00
84
I
I
I/O
VDDEH6
Slow
— / Up
— / Up
82
R12
AA18
CAN_B_TX
DSPI_C_PCS[3]
SCI_C_TX
GPIO[85]
FlexCAN B TX
DSPI C peripheral chip select
eSCI C TX
GPIO
P
A1
A2
G
001
010
100
000
85
O
O
O
I/O
VDDEH6
Slow
— / Up
— / Up
88
T12
AB18
CAN_B_RX
DSPI_C_PCS[4]
SCI_C_RX
GPIO[86]
FlexCAN B RX
DSPI C peripheral chip select
eSCI C RX
GPIO
P
A1
A2
G
001
010
100
000
86
I
O
I
I/O
VDDEH6
Slow
— / Up
— / Up
89
R13
AB19
CAN_C_TX
DSPI_D_PCS[3]
GPIO[87]
FlexCAN C TX
DSPI D peripheral chip select
GPIO
P
A1
G
01
10
00
87
O
O
I/O
VDDEH6
Medium
— / Up
— / Up
101
K13
P19
Table 4.
SPC564A80 signal properties (continued)
Name
Function(1)
P
A
G(2)
PCR
PA
Field
(3)
PCR
(4)
I/O
Type
Voltage(5) /
Pad Type(6)
Status(7)
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com