Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 96 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 92Page - STMicroelectronics SPC564A80L7 Datasheet HTML 93Page - STMicroelectronics SPC564A80L7 Datasheet HTML 94Page - STMicroelectronics SPC564A80L7 Datasheet HTML 95Page - STMicroelectronics SPC564A80L7 Datasheet HTML 96Page - STMicroelectronics SPC564A80L7 Datasheet HTML 97Page - STMicroelectronics SPC564A80L7 Datasheet HTML 98Page - STMicroelectronics SPC564A80L7 Datasheet HTML 99Page - STMicroelectronics SPC564A80L7 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 157 page
background image
Electrical characteristics
SPC564A74L7, SPC564A80B4, SPC564A80L7
96/157
Doc ID 15399 Rev 9
VIL_F
CC
C
Fast pad I/O input low
voltage
Hysteresis
enabled
VSS-0.3
—
0.35*VDDE
V
P
Hysteresis
disabled
VSS-0.3
—
0.40*VDDE
VIL_LS
CC
C
Multi-voltage I/O pad
input low voltage in
Low-swing-
mode(5),(6),(7),(8)
Hysteresis
enabled
VSS-0.3
—
0.8
V
P
Hysteresis
disabled
VSS-0.3
—
1.1
VIL_HS
CC
C
Multi-voltage pad I/O
input low voltage in
high-swing-mode
Hysteresis
enabled
VSS-0.3
—
0.35 VDDEH
V
P
Hysteresis
disabled
VSS-0.3
—
0.4 VDDEH
VIH_S
CC
C
Slow/medium pad I/O
input high voltage(9)
Hysteresis
enabled
0.65 VDDEH
—VDDEH+0.3
V
P
Hysteresis
disabled
0.55 VDDEH
—VDDEH+0.3
VIH_F
CC
C
Fast I/O input high
voltage
Hysteresis
enabled
0.65 VDDE
—VDDE+0.3
V
P
Hysteresis
disabled
0.58 VDDE
—VDDE+0.3
VIH_LS
CC
C
Multi-voltage pad I/O
input high voltage in
low-swing-
mode(5),(6),(7),(8)
Hysteresis
enabled
2.5
—
VDDEH+0.3
V
P
Hysteresis
disabled
2.2
—
VDDEH+0.3
VIH_HS
CC
C
Multi-voltage I/O input
high voltage in high-
swing-mode
Hysteresis
enabled
0.65 VDDEH
—VDDEH+0.3
V
P
Hysteresis
disabled
0.55 VDDEH
—VDDEH+0.3
VOL_S
CC P
Slow/medium pad I/O
output low voltage(9)
—
—
0.2*VDDEH
V
VOL_F
CC P
Fast I/O output low
voltage(9)
—
—
0.2*VDDE
V
VOL_LS
CC P
Multi-voltage pad I/O
output low voltage in
low-swing
mode(5),(6),(7),(8),(9)
——
0.6
V
Table 21.
DC electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com