Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 56Page - STMicroelectronics SPC564A80L7 Datasheet HTML 57Page - STMicroelectronics SPC564A80L7 Datasheet HTML 58Page - STMicroelectronics SPC564A80L7 Datasheet HTML 59Page - STMicroelectronics SPC564A80L7 Datasheet HTML 60Page - STMicroelectronics SPC564A80L7 Datasheet HTML 61Page - STMicroelectronics SPC564A80L7 Datasheet HTML 62Page - STMicroelectronics SPC564A80L7 Datasheet HTML 63Page - STMicroelectronics SPC564A80L7 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 157 page
background image
VRH
Voltage Reference High
P
—
—
I
VDDA
—
I / —
VRH
163
A8
A10
VRL
Voltage Reference Low
P
—
—
I
VDDA
—
I / —
VRL
162
A9
A11
REFBYBC
Reference Bypass Capacitor
Input
P—
—
I
VDDA
Analog
I / —
REFBYPC
164
B7
B10
eTPU2
TCRCLKA
IRQ[7]
GPIO[113]
eTPU A TCR clock
External interrupt request
GPIO
P
A1
G
01
10
00
113
I
I
I/O
VDDEH4
Slow
— / Up
— / Up
—
L4
M2
ETPUA0
ETPUA12_O(8)
ETPUA19_O(8)
GPIO[114]
eTPU A channel
eTPU A channel (output only)
eTPU A channel (output only)
GPIO
P
A1
A2
G
001
010
100
000
114
I/O
O
O
I/O
VDDEH4
Slow
— /
WKPCFG
— /
WKPCFG
61
N3
L3
ETPUA1
ETPUA13_O(8)
GPIO[115]
eTPU A channel
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
115
I/O
O
I/O
VDDEH4
Slow
— /
WKPCFG
— /
WKPCFG
60
M3
L4
ETPUA2
ETPUA14_O(8)
GPIO[116]
eTPU A channel
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
116
I/O
O
I/O
VDDEH4
Slow
— /
WKPCFG
— /
WKPCFG
59
P2
K3
ETPUA3
ETPUA15_O(8)
GPIO[117]
eTPU A channel
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
117
I/O
O
I/O
VDDEH4
Slow
— / WKPCFG
GPIO / WKPCFG
58
P1
L2
ETPUA4
ETPUA16_O(8)
FR_B_TX
GPIO[118]
eTPU A channel
eTPU A channel (output only)
Flexray TX data channel B
GPIO
P
A1
A3
G
0001
0010
1000
0000
118
I/O
O
O
I/O
VDDEH4
Slow
— /
WKPCFG
— /
WKPCFG
56
N2
L1
Table 4.
SPC564A80 signal properties (continued)
Name
Function(1)
P
A
G(2)
PCR
PA
Field
(3)
PCR
(4)
I/O
Type
Voltage(5) /
Pad Type(6)
Status(7)
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com