Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 62 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 58Page - STMicroelectronics SPC564A80L7 Datasheet HTML 59Page - STMicroelectronics SPC564A80L7 Datasheet HTML 60Page - STMicroelectronics SPC564A80L7 Datasheet HTML 61Page - STMicroelectronics SPC564A80L7 Datasheet HTML 62Page - STMicroelectronics SPC564A80L7 Datasheet HTML 63Page - STMicroelectronics SPC564A80L7 Datasheet HTML 64Page - STMicroelectronics SPC564A80L7 Datasheet HTML 65Page - STMicroelectronics SPC564A80L7 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 157 page
background image
ETPUA11
ETPUA23_O(8)
RCH4_B
GPIO[125]
eTPU A channel
eTPU A channel (output only)
Reaction channel 4B
GPIO
P
A1
A2
G
001
010
100
000
125
I/O
O
O
I/O
VDDEH1
Slow
— /
WKPCFG
— /
WKPCFG
48
L2
J2
ETPUA12
DSPI_B_PCS[1]
RCH4_C
GPIO[126]
eTPU A channel
DSPI B peripheral chip select
Reaction channel 4C
GPIO
P
A1
A2
G
001
010
100
000
126
I/O
O
O
I/O
VDDEH1
Medium
— /
WKPCFG
— /
WKPCFG
47
L1
J1
ETPUA13
DSPI_B_PCS[3]
GPIO[127]
eTPU A channel
DSPI B peripheral chip select
GPIO
P
A1
G
01
10
00
127
I/O
O
I/O
VDDEH1
Medium
— /
WKPCFG
— /
WKPCFG
46
J4
G4
ETPUA14
DSPI_B_PCS[4]
ETPUA9_O(8)
RCH0_A
GPIO[128]
eTPU A channel
DSPI B peripheral chip select
eTPU A channel (output only)
Reaction channel 0A
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
128
I/O
O
O
O
I/O
VDDEH1
Medium
— /
WKPCFG
— /
WKPCFG
42
J3
G3
ETPUA15
DSPI_B_PCS[5]
RCH1_A
GPIO[129]
eTPU A channel
DSPI B peripheral chip select
Reaction channel 1A
GPIO
P
A1
A2
G
001
010
100
000
129
I/O
O
O
I/O
VDDEH1
Medium
— /
WKPCFG
— /
WKPCFG
40
K2
H2
ETPUA16
DSPI_D_PCS[1]
RCH2_A
GPIO[130]
eTPU A channel
DSPI D peripheral chip select
Reaction channel 2A
GPIO
P
A1
A2
G
001
010
100
000
130
I/O
O
O
I/O
VDDEH1
Slow
— /
WKPCFG
— /
WKPCFG
39
K1
H1
ETPUA17
DSPI_D_PCS[2]
RCH3_A
GPIO[131]
eTPU A channel
DSPI D peripheral chip select
Reaction channel 3A
GPIO
P
A1
A2
G
001
010
100
000
131
I/O
O
O
I/O
VDDEH1
Slow
— /
WKPCFG
— /
WKPCFG
38
H3
F3
Table 4.
SPC564A80 signal properties (continued)
Name
Function(1)
P
A
G(2)
PCR
PA
Field
(3)
PCR
(4)
I/O
Type
Voltage(5) /
Pad Type(6)
Status(7)
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com