Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 12Page - STMicroelectronics SPC564A80L7 Datasheet HTML 13Page - STMicroelectronics SPC564A80L7 Datasheet HTML 14Page - STMicroelectronics SPC564A80L7 Datasheet HTML 15Page - STMicroelectronics SPC564A80L7 Datasheet HTML 16Page - STMicroelectronics SPC564A80L7 Datasheet HTML 17Page - STMicroelectronics SPC564A80L7 Datasheet HTML 18Page - STMicroelectronics SPC564A80L7 Datasheet HTML 19Page - STMicroelectronics SPC564A80L7 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 157 page
background image
Introduction
SPC564A74L7, SPC564A80B4, SPC564A80L7
16/157
Doc ID 15399 Rev 9
–
An access protection error is detected if a memory reference does not hit in any
memory region or the reference is flagged as illegal in all memory regions where it
does hit. In the event of an access error, the XBAR reference is terminated with an
error response and the MPU inhibits the bus cycle being sent to the targeted slave
device
–
64-bit error registers, one for each XBAR slave port, capture the last faulting
address, attributes, and detail information
1.5.6
FMPLL
The FMPLL allows the user to generate high speed system clocks from a 4 MHz to 40 MHz
crystal oscillator or external clock generator. Further, the FMPLL supports programmable
frequency modulation of the system clock. The PLL multiplication factor, output clock divider
ratio are all software configurable. The PLL has the following major features:
●
Input clock frequency from 4 MHz to 40 MHz
●
Reduced frequency divider (RFD) for reduced frequency operation without forcing the
PLL to relock
●
Three modes of operation
–
Bypass mode with PLL off
–
Bypass mode with PLL running (default mode out of reset)
–
PLL normal mode
●
Each of the three modes may be run with a crystal oscillator or an external clock
reference
●
Programmable frequency modulation
–
Modulation enabled/disabled through software
–
Triangle wave modulation up to 100 kHz modulation frequency
–
Programmable modulation depth (0% to 2% modulation depth)
–
Programmable modulation frequency dependent on reference frequency
●
Lock detect circuitry reports when the PLL has achieved frequency lock and
continuously monitors lock status to report loss of lock conditions
●
Clock Quality Module
–
Detects the quality of the crystal clock and causes interrupt request or system
reset if error is detected
–
Detects the quality of the PLL output clock; if error detected, causes system reset
or switches system clock to crystal clock and causes interrupt request
●
Programmable interrupt request or system reset on loss of lock
●
Self-clocked mode (SCM) operation
1.5.7
SIU
The SPC564A80 SIU controls MCU reset configuration, pad configuration, external
interrupt, general purpose I/O (GPIO), internal peripheral multiplexing, and the system reset
operation. The reset configuration block contains the external pin boot configuration logic.
The pad configuration block controls the static electrical characteristics of I/O pins. The
a.
EBI not available on all packages and is not available, as a master, for customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com