Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 93 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 89Page - STMicroelectronics SPC564A80L7 Datasheet HTML 90Page - STMicroelectronics SPC564A80L7 Datasheet HTML 91Page - STMicroelectronics SPC564A80L7 Datasheet HTML 92Page - STMicroelectronics SPC564A80L7 Datasheet HTML 93Page - STMicroelectronics SPC564A80L7 Datasheet HTML 94Page - STMicroelectronics SPC564A80L7 Datasheet HTML 95Page - STMicroelectronics SPC564A80L7 Datasheet HTML 96Page - STMicroelectronics SPC564A80L7 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
93/157
Figure 8.
Core voltage regulator controller external components preferred
configuration
MCU
The bypass transistor
MUST be operated out
of saturation region.
Mandatory decoupling
capacitor network
VDDREG
VRCCTL
VDD
VSS
VRCCTL capacitor and resistor is required
Ce
Cd
Cb
Rb
Cc
Creg
Rc
The resistor may or may not be
required. This depends on the
allowable power dissipation of
the npn bypass transistor
device. The resistor may be
used to limit the in-rush current
at power on.
Re
Keep parasitic inductance
under 20nH
Table 17.
SPC564A80 External network specification
External Network
Parameter
Min
Typ
Max
Comment
T1
NJD2873 or BCP68
only
Cb
1.1
F2.2F2.97F
X7R,-50%/+35%
Ce
3*2.35
F+5F3*4.7F+10F3*6.35F+13.5F
X7R, -50%/+35%
Equivalent ESR of Ce
capacitors
5m
50m
Cd
4*50nF
4*100nF
4*135nF
X7R, -50%/+35%
Rb
9
10
11
+/-10%
Re
0.252
0.280
0.308
+/-10%
Creg
10
F
It depends on
external Vreg.
Cc
5
F10F13.5F
X7R, -50%/+35%
Rc
1.1
5.6
May or may not be
required. It depends
on the allowable
power dissipation of
T1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com