Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 64Page - STMicroelectronics SPC564A80L7 Datasheet HTML 65Page - STMicroelectronics SPC564A80L7 Datasheet HTML 66Page - STMicroelectronics SPC564A80L7 Datasheet HTML 67Page - STMicroelectronics SPC564A80L7 Datasheet HTML 68Page - STMicroelectronics SPC564A80L7 Datasheet HTML 69Page - STMicroelectronics SPC564A80L7 Datasheet HTML 70Page - STMicroelectronics SPC564A80L7 Datasheet HTML 71Page - STMicroelectronics SPC564A80L7 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 157 page
background image
XTAL
Crystal oscillator output
P
01
—
O
VDDEH6
Analog
——
93
P16
V22
EXTAL
EXTCLK
Crystal oscillator input
External clock input
P
A
01
10
—I
VDDEH6
Analog
——
92
N16
U22
CLKOUT
System clock output
P
01
229
O
VDDE5
Fast
—
CLKOUT
—
—
AA20
ENGCLK
Engineering clock output
P
01
214
O
VDDE5
Fast
—
ENGCLK
—
T14
AB21
Power / Ground
VDDREG
Voltage Regulator Supply
—
—
I
5 V
I / —
VDDREG
10
K16
M22
VRCCTL
Voltage Regulator Control Output
—
—
O
—
O / —
VRCCTL
11
N14
V20
VRC33(20)
Internal regulator output
—
—
O
3.3 V
I/O / —
VRC33
13
A15, D1,
N6, N12
A21, B1,
P4, W7, Y22
Input for external 3.3 V supply
—
—
3.3 V
VDDA
eQADC high reference voltage
—
—
I
5 V
I / —
VDDA
6
—
—
VSSA
eQADC ground/low reference
voltage
—
—
I
—
I / —
VSSA
7
—
—
VDDA0(21)
eQADC high reference voltage
—
—
I
5 V
I / —
VDDA0
—
B11
A6
VSSA0(22)
eQADC ground/low reference
voltage
—
—
I
—
I / —
VSSA0
—
A11
A7
VDDA1(21)
eQADC high reference voltage
—
—
I
5 V
I / —
VDDA1
—
A4
C15
VSSA1(22)
eQADC ground/low reference
voltage
—
—
I
—
I / —
VSSA1
—
A5
A15, B15
VDDPLL
FMPLL Supply Voltage
—
—
I
1.2
I / —
VDDPLL
91
R16
W22
VSTBY
Power Supply for Standby RAM
—
—
I
0.9 V - 6 V
I / —
VSTBY
12
C1
A3
Table 4.
SPC564A80 signal properties (continued)
Name
Function(1)
P
A
G(2)
PCR
PA
Field
(3)
PCR
(4)
I/O
Type
Voltage(5) /
Pad Type(6)
Status(7)
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com