Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 82 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 78Page - STMicroelectronics SPC564A80L7 Datasheet HTML 79Page - STMicroelectronics SPC564A80L7 Datasheet HTML 80Page - STMicroelectronics SPC564A80L7 Datasheet HTML 81Page - STMicroelectronics SPC564A80L7 Datasheet HTML 82Page - STMicroelectronics SPC564A80L7 Datasheet HTML 83Page - STMicroelectronics SPC564A80L7 Datasheet HTML 84Page - STMicroelectronics SPC564A80L7 Datasheet HTML 85Page - STMicroelectronics SPC564A80L7 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 157 page
background image
Electrical characteristics
SPC564A74L7, SPC564A80B4, SPC564A80L7
82/157
Doc ID 15399 Rev 9
3.2
Maximum ratings
Table 9.
Absolute maximum ratings(1)
Symbol
Parameter
Conditions
Value
Unit
min
max
VDD
SR
1.2 V core supply voltage(2)
–0.3
1.32
V
VFLASH
SR
Flash core voltage(3),(4)
–0.3
3.6
V
VSTBY
SR
SRAM standby voltage(5)
–0.3
6
V
VDDPLL
SR
Clock synthesizer voltage
–0.3
1.32
V
VRC33
SR
Voltage regulator control input
voltage(4)
–0.3
3.6
V
VDDA
SR
Analog supply voltage(5)
Reference to VSSA
–0.3
5.5
V
VDDE
SR
I/O supply voltage(4),(6)
–0.3
3.6
V
VDDEH
SR
I/O supply voltage(5)
–0.3
5.5
V
VIN
SR
DC input voltage(7)
VDDEH powered I/O pads
–1.0(8)
VDDEH +
0.3 V(9)
V
VDDE powered I/O pads
–1.0(10)
VDDE +
0.3 V(10)
VDDA powered I/O pads
–1.0
5.5
VDDREG
SR
Voltage regulator supply
voltage
–0.3
5.5
V
VRH
SR
Analog reference high voltage Reference to VRL
–0.3
5.5
V
VSS – VSSA
SR
VSS differential voltage
–0.1
0.1
V
VRH – VRL
SR
VREF differential voltage
–0.3
5.5
V
VRL – VSSA
SR
VRL to VSSA differential
voltage
–0.3
0.3
V
VSSPLL – VSS
SR
VSSPLL to VSS differential
voltage
–0.1
0.1
V
IMAXD
SR
Maximum DC digital input
current(11)
Per pin, applies to all digital
pins
–3
3
mA
IMAXA
SR
Maximum DC analog input
current(12)
Per pin, applies to all
analog pins
—5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com