Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 99 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 95Page - STMicroelectronics SPC564A80L7 Datasheet HTML 96Page - STMicroelectronics SPC564A80L7 Datasheet HTML 97Page - STMicroelectronics SPC564A80L7 Datasheet HTML 98Page - STMicroelectronics SPC564A80L7 Datasheet HTML 99Page - STMicroelectronics SPC564A80L7 Datasheet HTML 100Page - STMicroelectronics SPC564A80L7 Datasheet HTML 101Page - STMicroelectronics SPC564A80L7 Datasheet HTML 102Page - STMicroelectronics SPC564A80L7 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
99/157
IACT_MV_PD
CC
C Multivoltage pad weak
pulldown current
VDDE=
3.0–3.6 V(5),
MultiV pad,
high swing
mode only
10
—
60
A
P
4.75 V – 5.25 V
25
—
200
IINACT_D
CC P
I/O input leakage
current(16)
—
–2.5
—
2.5
A
IIC
SR T
DC injection current
(per pin)
—
–1.0
—
1.0
mA
IINACT_A
SR
P
Analog input current,
channel off, AN[0:7](17)
—
–250
—
250
nA
P
Analog input current,
channel off, all other
analog pins(17)
—
–150
—
150
CL
CC
D
Load capacitance (fast
I/O)(18)
DSC(PCR[8:9])
= 0b00
—10
pF
D
DSC(PCR[8:9])
= 0b01
—20
D
DSC(PCR[8:9])
= 0b10
—30
D
DSC(PCR[8:9])
= 0b11
—50
CIN
CC D
Input capacitance
(digital pins)
——
7
pF
CIN_A
CC D
Input capacitance
(analog pins)
——
10
pF
CIN_M
CC D
Input capacitance
(digital and analog
pins(19))
——
12
pF
RPUPD200K
SR P
Weak Pull-Up/Down
Resistance(20), 200 k
Option
—
130
—
280
k
RPUPD100K
SR P
Weak Pull-Up/Down
Resistance(20), 100 k
Option
—
65
—
140
k
Table 21.
DC electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com