Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 101 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 97Page - STMicroelectronics SPC564A80L7 Datasheet HTML 98Page - STMicroelectronics SPC564A80L7 Datasheet HTML 99Page - STMicroelectronics SPC564A80L7 Datasheet HTML 100Page - STMicroelectronics SPC564A80L7 Datasheet HTML 101Page - STMicroelectronics SPC564A80L7 Datasheet HTML 102Page - STMicroelectronics SPC564A80L7 Datasheet HTML 103Page - STMicroelectronics SPC564A80L7 Datasheet HTML 104Page - STMicroelectronics SPC564A80L7 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
101/157
3.9
I/O pad current specifications
The power consumption of an I/O segment depends on the usage of the pins on a particular
segment. The power consumption is the sum of all output pin currents for a particular
segment. The output pin current can be calculated from Table 22 based on the voltage,
frequency, and load on the pin. Use linear scaling to calculate pin currents for voltage,
frequency, and load parameters that fall outside the values given in Table 22.
Table 22.
I/O pad average IDDE specifications
(1)
Pad Type
Symbol
C
Period
(ns)
Load(2)
(pF)
VDDE
(V)
Drive/Slew
Rate Select
IDDE Avg
(mA)(3)
IDDE RMS
(mA)
Slow
IDRV_SSR_HV
CC
D
37
50
5.5
11
9
—
CC
D
130
50
5.5
01
2.5
—
CC
D
650
50
5.5
00
0.5
—
CC
D
840
200
5.5
00
1.5
—
Medium
IDRV_MSR_HV
CC
D
24
50
5.5
11
14
—
CC
D
62
50
5.5
01
5.3
—
CC
D
317
50
5.5
00
1.1
—
CC
D
425
200
5.5
00
3
—
Fast
IDRV_FC
CC
D
10
50
3.6
11
22.7
68.3
CC
D
10
30
3.6
10
12.1
41.1
CC
D
10
20
3.6
01
8.3
27.7
CC
D
10
10
3.6
00
4.44
14.3
CC
D
10
50
1.98
11
12.5
31
CC
D
10
30
1.98
10
7.3
18.6
CC
D
10
20
1.98
01
5.42
12.6
CC
D
10
10
1.98
00
2.84
6.4
MultiV
(High
Swing
Mode)
IDRV_MULTV_HV
CC
D
20
50
5.5
11
9
—
CC
D
30
50
5.5
01
6.1
—
CC
D
117
50
5.5
00
2.3
—
CC
D
212
200
5.5
00
5.8
—
MultiV
(Low
Swing
Mode)
IDRV_MULTV_HV
CC
D
30
30
5.5
11
3.4
—
1.
Numbers from simulations at best case process, 150 °C.
2.
All loads are lumped.
3.
Average current is for pad configured as output only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com