Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 100 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 96Page - STMicroelectronics SPC564A80L7 Datasheet HTML 97Page - STMicroelectronics SPC564A80L7 Datasheet HTML 98Page - STMicroelectronics SPC564A80L7 Datasheet HTML 99Page - STMicroelectronics SPC564A80L7 Datasheet HTML 100Page - STMicroelectronics SPC564A80L7 Datasheet HTML 101Page - STMicroelectronics SPC564A80L7 Datasheet HTML 102Page - STMicroelectronics SPC564A80L7 Datasheet HTML 103Page - STMicroelectronics SPC564A80L7 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 157 page
background image
Electrical characteristics
SPC564A74L7, SPC564A80B4, SPC564A80L7
100/157
Doc ID 15399 Rev 9
RPUPD5K
SR C
Weak Pull-Up/Down
Resistance(20),
5k
 Option
5V±5%
supply
1.4
—
7.5
k
RPUPDMTCH
CC
C
Pull-up/Down
Resistance matching
ratios (100K/200K)
Pull-up and
pull-down
resistances
both enabled
and settings are
equal.
–2.5
—
2.5
%
TA (TL to TH)SR —
Operating temperature
range - ambient
(packaged)
—
–40.0
125.0
C
—SR —
Slew rate on power
supply pins
——
25
V/ms
1.
These specifications apply when VRC33 is supplied externally, after disabling the internal regulator (VDDREG = 0).
2.
ADC is functional with 4 V
 V
DDA  4.75 V but with derated accuracy. This means the ADC will continue to function at full
speed with no undesirable behavior, but the accuracy will be degraded.
3.
The VDDF supply is connected to VDD in the package substrate. This specification applies to calibration package devices
only.
4.
VFLASH is only available in the calibration package.
5.
Power supply for multi-voltage pads cannot be below 4.5 V when in low-swing mode.
6.
The slew rate (SRC) setting must be 0b11 when in low-swing mode.
7.
While in low-swing mode there are no restrictions in transitioning to high-swing mode.
8.
Pin in low-swing mode can accept a 5 V input.
9.
All VOL/VOH values 100% tested with ± 2 mA load except where noted.
10. Bypass mode, system clock at 1 MHz (using system clock divider), PLL shut down, CPU running simple executive code,
4 x ADC conversion every 10 ms, 2 x PWM channels 1 kHz, all other modules stopped.
11. Bypass mode, system clock at 1 MHz (using system clock divider), CPU stopped, PIT running, all other modules stopped.
12. This current will be consumed for external regulation and internal regulation, when 3.3V regulator is switched off by shadow
flash
13. If 1.2V and 3.3V internal regulators are on,then iddreg=70mA
If supply is external that is 3.3V internal regulator is off, then iddreg=15mA
14. Power requirements for each I/O segment are dependent on the frequency of operation and load of the I/O pins on a
particular I/O segment, and the voltage of the I/O segment. See Table 22 for values to calculate power dissipation for
specific operation. The total power consumption of an I/O segment is the sum of the individual power consumptions for
each pin on the segment.
15. Absolute value of current, measured at VIL and VIH.
16. Weak pull up/down inactive. Measured at VDDE = 3.6 V and VDDEH = 5.25 V. Applies to fast, slow, and medium pads.
17. Maximum leakage occurs at maximum operating temperature. Leakage current decreases by approximately one-half for
each 8 to 12 oC, in the ambient temperature range of 50 to 125 oC. Applies to analog pads.
18. Applies to CLKOUT, external bus pins, and Nexus pins.
19. Applies to the FCK, SDI, SDO, and SDS pins.
20. This programmable option applies only to eQADC differential input channels and is used for biasing and sensor
diagnostics.
Table 21.
DC electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com