Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 5Page - STMicroelectronics SPC564A80L7 Datasheet HTML 6Page - STMicroelectronics SPC564A80L7 Datasheet HTML 7Page - STMicroelectronics SPC564A80L7 Datasheet HTML 8Page - STMicroelectronics SPC564A80L7 Datasheet HTML 9Page - STMicroelectronics SPC564A80L7 Datasheet HTML 10Page - STMicroelectronics SPC564A80L7 Datasheet HTML 11Page - STMicroelectronics SPC564A80L7 Datasheet HTML 12Page - STMicroelectronics SPC564A80L7 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Introduction
Doc ID 15399 Rev 9
9/157
1.3
Device comparison
Table 2 summarizes the SPC564A80 and compares it to the SPC563M64.
Table 2.
SPC564A80, SPC563M64 and SPC564A70 comparison
Feature
SPC564A80
SPC563M64
SPC564A70
Process
90 nm
Core
e200z4
e200z3
e200z4
SIMD
Yes
VLE
Yes
Cache
8 KB instruction
No
8 KB instruction
Non-Maskable Interrupt (NMI)
NMI & Critical Interrupt
MMU
24 entry
16 entry
24 entry
MPU
16 entry
No
16 entry
Crossbar switch
5
 43  44  4
Core performance
0–150 MHz
0–80 MHz
0–150 MHz
Windowing software watchdog
Yes
Core Nexus
Class 3+
Class 2+
Class 3+
SRAM
192 KB
94 KB
128 KB
Flash
4 MB
1.5 MB
2 MB
Flash fetch accelerator
4
 256-bit
4
 128-bit
External bus
16-bit (incl 32-bit muxed)
None
Calibration bus
16-bit (incl 32-bit muxed)
16-bit
16-bit (incl 32-bit
muxed)
DMA
64 ch.
32 ch.
64 ch.
DMA Nexus
None
Serial
3
2
3
eSCI_A
Yes (MSC Uplink)
eSCI_B
Yes (MSC Uplink)
eSCI_C
Yes
No
Yes
CAN
3
2
3
CAN_A
64 buf
CAN_B
64 buf
No
64 buf
CAN_C
64 buf
32 buf
64 buf
SPI
3
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com