Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 98 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 94Page - STMicroelectronics SPC564A80L7 Datasheet HTML 95Page - STMicroelectronics SPC564A80L7 Datasheet HTML 96Page - STMicroelectronics SPC564A80L7 Datasheet HTML 97Page - STMicroelectronics SPC564A80L7 Datasheet HTML 98Page - STMicroelectronics SPC564A80L7 Datasheet HTML 99Page - STMicroelectronics SPC564A80L7 Datasheet HTML 100Page - STMicroelectronics SPC564A80L7 Datasheet HTML 101Page - STMicroelectronics SPC564A80L7 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 157 page
background image
Electrical characteristics
SPC564A74L7, SPC564A80B4, SPC564A80L7
98/157
Doc ID 15399 Rev 9
IDDSTBY150
CC
P
Operating current 0.95-
1.2 V
VSTBY 150
oC
—
790
2000
A
P
Operating current 2–
5.5 V
VSTBY at
150 oC
—
760
2000
A
IDDSLOW
IDDSTOP
CC
PVDD low-power mode
operating current at
1.32 V
Slow mode(10)
—
191
mA
P
Stop mode(11)
—
190
IDD33
CC C
Operating current 3.3 V
supplies
VRC33
(1),(12)
—60
mA
IDDA
IREF
IDDREG
CC
P
Operating current 5.0 V
supplies
VDDA
—
—
30.0
mA
P
Analog
reference
supply current
(transient)
——
1.0
CVDDREG
——
70(13)
IDDH1
IDDH4
IDDH6
IDDH7
IDD7
IDDH9
IDD12
CC
D
Operating current
VDDE
(14) supplies
VDDEH1
——
See note (14)
mA
DVDDEH4
——
DVDDEH6
——
DVDDEH7
——
DVDDE7
——
DVDDEH9
——
DVDDE12
——
IACT_S
CC
C
Slow/medium I/O weak
pull up/down current(15)
3.0 V – 3.6 V
15
—
95
A
P
4.75 V – 5.5 V
35
—
200
IACT_F
CC
D
Fast I/O weak pull
up/down current(15)
1.62 V – 1.98 V
36
—
120
A
D
2.25 V – 2.75 V
34
—
139
D
3.0 V – 3.6 V
42
—
158
IACT_MV_PU
CC
C Multi-voltage pad weak
pullup current
VDDE=
3.0–3.6 V(5),
MultiV pad,
high swing
mode only
10
—
75
A
P
4.75 V – 5.25 V
25
—
200
Table 21.
DC electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com