Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 11Page - STMicroelectronics SPC564A80L7 Datasheet HTML 12Page - STMicroelectronics SPC564A80L7 Datasheet HTML 13Page - STMicroelectronics SPC564A80L7 Datasheet HTML 14Page - STMicroelectronics SPC564A80L7 Datasheet HTML 15Page - STMicroelectronics SPC564A80L7 Datasheet HTML 16Page - STMicroelectronics SPC564A80L7 Datasheet HTML 17Page - STMicroelectronics SPC564A80L7 Datasheet HTML 18Page - STMicroelectronics SPC564A80L7 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Introduction
Doc ID 15399 Rev 9
15/157
providing a modifiable priority mask, the priority can be raised temporarily so that all tasks
which share the resource cannot preempt each other.
The INTC provides the following features:
●
9-bit vector addresses
●
Unique vector for each interrupt request source
●
Hardware connection to processor or read from register
●
Each interrupt source can assigned a specific priority by software
●
Preemptive prioritized interrupt requests to processor
●
ISR at a higher priority preempts executing ISRs or tasks at lower priorities
●
Automatic pushing or popping of preempted priority to or from a LIFO
●
Ability to modify the ISR or task priority to implement the priority ceiling protocol for
accessing shared resources
●
Low latency—three clocks from receipt of interrupt request from peripheral to interrupt
request to processor
This device also includes a non-maskable interrupt (NMI) pin that bypasses the INTC and
multiplexing logic.
1.5.5
Memory protection unit (MPU)
The Memory Protection Unit (MPU) provides hardware access control for all memory
references generated in a device. Using preprogrammed region descriptors, which define
memory spaces and their associated access rights, the MPU concurrently monitors all
system bus transactions and evaluates the appropriateness of each transfer. Memory
references with sufficient access control rights are allowed to complete; references that are
not mapped to any region descriptor or have insufficient rights are terminated with a
protection error response.
The MPU has these major features:
●
Support for 16 memory region descriptors, each 128 bits in size
–
Specification of start and end addresses provide granularity for region sizes from
32 bytes to 4 GB
–
MPU is invalid at reset, thus no access restrictions are enforced
–
Two types of access control definitions: processor core bus master supports the
traditional {read, write, execute} permissions with independent definitions for
supervisor and user mode accesses; the remaining non-core bus masters (eDMA,
FlexRay, and EBI1) support {read, write} attributes
–
Automatic hardware maintenance of the region descriptor valid bit removes issues
associated with maintaining a coherent image of the descriptor
–
Alternate memory view of the access control word for each descriptor provides an
efficient mechanism to dynamically alter the access rights of a descriptor only(a)
–
For overlapping region descriptors, priority is given to permission granting over
access denying as this approach provides more flexibility to system software
●
Support for two XBAR slave port connections (SRAM and PBRIDGE)
–
For each connected XBAR slave port (SRAM and PBRIDGE), MPU hardware
monitors every port access using the pre-programmed memory region descriptors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com