Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 79 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 75Page - STMicroelectronics SPC564A80L7 Datasheet HTML 76Page - STMicroelectronics SPC564A80L7 Datasheet HTML 77Page - STMicroelectronics SPC564A80L7 Datasheet HTML 78Page - STMicroelectronics SPC564A80L7 Datasheet HTML 79Page - STMicroelectronics SPC564A80L7 Datasheet HTML 80Page - STMicroelectronics SPC564A80L7 Datasheet HTML 81Page - STMicroelectronics SPC564A80L7 Datasheet HTML 82Page - STMicroelectronics SPC564A80L7 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Pinout and signal description
Doc ID 15399 Rev 9
79/157
Table 7.
Power/ground segmentation
Power Segment
Voltage
I/O Pins Powered by Segment
VDDE2
1.8 V - 3.3 V
CS0, CS1, CS2, CS3,RD_WR, BDIP, WE0, WE1, OE, TS, TA
VDDE3
1.8 V - 3.3 V
ADDR12, ADDR13, ADDR14, ADDR15
VDDE5
1.8 V - 3.3 V
DATA0, DATA1, DATA2, DATA3, DATA4, DATA5, DATA6, DATA7,
DATA8, DATA9, DATA10, DATA11, DATA12, DATA13, DATA14,
DATA15, CLKOUT, ENGCLK
VDDE12
1.8 V - 3.3 V
CAL_CS0, CAL_CS2, CAL_CS3 CAL_ADDR12, CAL_ADDR13,
CAL_ADDR14, CAL_ADDR15, CAL_ADDR16, CAL_ADDR17,
CAL_ADDR18, CAL_ADDR19, CAL_ADDR20, CAL_ADDR21,
CAL_ADDR22, CAL_ADDR23, CAL_ADDR24, CAL_ADDR25,
CAL_ADDR26, CAL_ADDR27, CAL_ADDR28, CAL_ADDR29,
CAL_ADDR30, CAL_DATA0, CAL_DATA1, CAL_DATA2,
CAL_DATA3, CAL_DATA4, CAL_DATA5, CAL_DATA6, CAL_DATA7,
CAL_DATA8, CAL_DATA9, CAL_DATA10, CAL_DATA11,
CAL_DATA12, CAL_DATA13, CAL_DATA14, CAL_DATA15,
CAL_RD_WR, CAL_WE0, CAL_WE1, CAL_OE, CAL_TS
VDDE-EH
3.0 V - 5 V
ADDR16, ADDR17, ADDR18, ADDR19, ADDR20, ADDR21,
ADDR22, ADDR23, ADDR24, ADDR25, ADDR26, ADDR27,
ADDR28, ADDR29, ADDR30, ADDR31
VDDEH1
3.3 V - 5.0 V
ETPUA10, ETPUA11, ETPUA12, ETPUA13, ETPUA14, ETPUA15,
ETPUA16, ETPUA17, ETPUA18, ETPUA19, ETPUA20, ETPUA21,
ETPUA22, ETPUA23, ETPUA24, ETPUA25, ETPUA26, ETPUA27,
ETPUA28, ETPUA29, ETPUA30, ETPUA31
VDDEH4
3.3 V - 5.0 V
EMIOS0, EMIOS1, EMIOS2, EMIOS3, EMIOS4, EMIOS5, EMIOS6,
EMIOS7, EMIOS8, EMIOS9, EMIOS10, EMIOS11, EMIOS12,
EMIOS13, EMIOS14, EMIOS15, EMIOS16, EMIOS17, EMIOS18,
EMIOS19, EMIOS20, EMIOS21, EMIOS22, EMIOS23, TCRCLKA,
ETPUA0, ETPUA1, ETPUA2, ETPUA3, ETPUA4, ETPUA5,
ETPUA6, ETPUA7, ETPUA8, ETPUA9, ETPUA0
VDDEH6
3.3 V - 5.0 V
RESET, RSTOUT, PLLREF, PLLCFG1, RSTCFG, BOOTCFG0,
BOOTCFG1, WKPCFG, CAN_A_TX, CAN_A_RX, CAN_B_TX,
CAN_B_RX, CAN_C_TX, CAN_C_RX, SCI_A_TX, SCI_A_RX,
SCI_B_TX, SCI_C_RX, DSPI_B_SCK, DSPI_B_SIN,
DSPI_B_SOUT, DSPI_B_PCS[0], DSPI_B_PCS[1],
DSPI_B_PCS[2], DSPI_B_PCS[3], DSPI_B_PCS[4],
DSPI_B_PCS[5], SCI_B_RX, SCI_C_TX, EXTAL, XTAL
VDDEH7
3.3 V - 5.0 V
EMIOS14, EMIOS 15, GPIO98, GPIO99, GPIO203, GPIO204,
GPIO206, GPIO207, GPIO219, EVTI, EVTO, MDO4, MDO5,
MDO6, MDO7, MDO8, MDO9, MDO10, MDO11, MSEO0, MSEO1,
RDY, TCK, TDI, TDO, TMS, JCOMP, DSPI_A_SCK, DSPI_A_SIN,
DSPI_A_SOUT, DSPI_A_PCS[0], DSPI_A_PCS[1],
DSPI_A_PCS[4], DSPI_A_PCS[5], AN12-SDS, AN13-SDO, AN14-
SDI, AN15-FCK
VDDA
5 V
AN0, AN1, AN2, AN3, AN4, AN5, AN6, AN7, AN8, AN9, AN10,
AN11, AN16, AN17, AN18, AN19, AN20, AN21, AN22, AN23,
AN24, AN25, AN26, AN27, AN28, AN29, AN30, AN31, AN32,
AN33, AN34, AN35, AN36, AN37, AN38, AN39, VRH, VRL,
REFBYBC
VRC33(1)
3.3 V
MCKO, MDO0, MDO1, MDO2, MDO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com