Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 7Page - STMicroelectronics SPC564A80L7 Datasheet HTML 8Page - STMicroelectronics SPC564A80L7 Datasheet HTML 9Page - STMicroelectronics SPC564A80L7 Datasheet HTML 10Page - STMicroelectronics SPC564A80L7 Datasheet HTML 11Page - STMicroelectronics SPC564A80L7 Datasheet HTML 12Page - STMicroelectronics SPC564A80L7 Datasheet HTML 13Page - STMicroelectronics SPC564A80L7 Datasheet HTML 14Page - STMicroelectronics SPC564A80L7 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Introduction
Doc ID 15399 Rev 9
11/157
1.4
SPC564A80 feature list
●
150 MHz e200z4 Power Architecture core
–
Variable length instruction encoding (VLE)
–
Superscalar architecture with 2 execution units
–
Up to 2 integer or floating point instructions per cycle
–
Up to 4 multiply and accumulate operations per cycle
●
Memory organization
–
4 MB on-chip flash memory with ECC and Read While Write (RWW)
–
192 KB on-chip SRAM with standby functionality (32 KB) and ECC
–
8 KB instruction cache (with line locking), configurable as 2- or 4-way
–
14 + 3 KB eTPU code and data RAM
–5
 4 crossbar switch (XBAR)
–
24-entry MMU
–
External Bus Interface (EBI) with slave and master port
●
Fail Safe Protection
–
16-entry Memory Protection Unit (MPU)
–
CRC unit with 3 sub-modules
–
Junction temperature sensor
●
Interrupts
–
Configurable interrupt controller (with NMI)
–
64-channel DMA
●
Serial channels
–3
 eSCI
–3
 DSPI (2 of which support downstream Micro Second Channel [MSC])
–3
 FlexCAN with 64 messages each
–1
 FlexRay module (V2.1) up to 10 Mbit/s with dual or single channel and 128
message objects and ECC
●
1
 eMIOS: 24 unified channels
●
1
 eTPU2 (second generation eTPU)
–
32 standard channels
–1
 reaction module (6 channels with three outputs per channel)
●
2 enhanced queued analog-to-digital converters (eQADCs)
–
Forty 12-bit input channels (multiplexed on 2 ADCs); expandable to 56 channels
with external multiplexers
–
6 command queues
–
Trigger and DMA support
–
688 ns minimum conversion time
●
On-chip CAN/SCI/FlexRay Bootstrap loader with Boot Assist Module (BAM)
●
Nexus
–
Class 3+ for the e200z4 core
–
Class 1 for the eTPU
●
JTAG (5-pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com