Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 91 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 87Page - STMicroelectronics SPC564A80L7 Datasheet HTML 88Page - STMicroelectronics SPC564A80L7 Datasheet HTML 89Page - STMicroelectronics SPC564A80L7 Datasheet HTML 90Page - STMicroelectronics SPC564A80L7 Datasheet HTML 91Page - STMicroelectronics SPC564A80L7 Datasheet HTML 92Page - STMicroelectronics SPC564A80L7 Datasheet HTML 93Page - STMicroelectronics SPC564A80L7 Datasheet HTML 94Page - STMicroelectronics SPC564A80L7 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
91/157
5c
—
CC
D
Voltage regulator 3.3 V
output impedance at
maximum DC load
——
2
5d
Idd3p3
CC
P
Voltage regulator 3.3 V
maximum DC output current
(internal regulator
enabled)(6)
80(7)
——
mA
5e
Vdd33 ILim CC
C
Voltage regulator 3.3 V DC
current limit
—130
—
mA
6
Lvi3p3
CC
C
Nominal LVI for rising 3.3 V
supply
—3.090
—
V
The Lvi3p3
specs are
also valid for
the Vddeh
LVI
6a
—
CC
C
Variation of LVI for rising
3.3 V supply at power-on
reset
Lvi3p3 - 6%
Lvi3p3
Lvi3p3 +
6%
VSee note (8)
6b
—
CC
C
Variation of LVI for rising
3.3 V supply after power-on
reset
Lvi3p3 - 3%
Lvi3p3
Lvi3p3 +
3%
VSee note (8)
6c
—
CC
C Trimming step LVI 3.3 V
—
20
—
mV
6d
Lvi3p3_h
CC
C LVI 3.3 V hysteresis
—
60
—
mV
7
Por3.3V_r CC
C
Nominal POR for rising
3.3 V supply
—2.07
—
V
The 3.3V
POR specs
are also valid
for the VDDEH
POR
7a
—
CC
C
Variation of POR for rising
3.3 V supply
Por3.3V_r-
35%
Por3.3V_r
Por3.3V_r +
35%
V
7b
Por3.3V_f
CC
C
Nominal POR for falling
3.3 V supply
—1.95
—
V
7c
—
CC
C
Variation of POR for falling
3.3 V supply
Por3.3V_f -
35%
Por3.3V_f
Por3.3V_f +
35%
V
8
Lvi5p0
CC
C
Nominal LVI for rising 5 V
VDDREG supply
—4.290
—
V
8a
—
CC
C
Variation of LVI for rising 5 V
VDDREG supply at power-on
reset
Lvi5p0 - 6%
Lvi5p0
Lvi5p0 +
6%
V
8b
—
CC
C
Variation of LVI for rising 5 V
VDDREG supply power-on
reset
Lvi5p0 - 3%
Lvi5p0
Lvi5p0 +
3%
V
8c
—
CC
C Trimming step LVI 5 V
—
20
—
mV
8d
Lvi5p0_h
CC
C LVI 5 V hysteresis
—
60
—
mV
Table 16.
PMC Electrical Characteristics (continued)
ID
Name
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com