Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 95 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 91Page - STMicroelectronics SPC564A80L7 Datasheet HTML 92Page - STMicroelectronics SPC564A80L7 Datasheet HTML 93Page - STMicroelectronics SPC564A80L7 Datasheet HTML 94Page - STMicroelectronics SPC564A80L7 Datasheet HTML 95Page - STMicroelectronics SPC564A80L7 Datasheet HTML 96Page - STMicroelectronics SPC564A80L7 Datasheet HTML 97Page - STMicroelectronics SPC564A80L7 Datasheet HTML 98Page - STMicroelectronics SPC564A80L7 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
95/157
3.8
DC electrical specifications
Table 21.
DC electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
min
typ
max
VDD
SR —
Core supply voltage
—
1.14
1.32
V
VDDE
SR —
I/O supply voltage
—
1.62
3.6
V
VDDEH
SR —
I/O supply voltage
—
3.0
5.25
V
VDDE-EH
SR —
I/O supply voltage
—
3.0
5.25
V
VRC33
SR —
3.3 V regulated
voltage(1)
—3.0
—
3.6
V
VDDA
SR —
Analog supply voltage
—
4.75(2)
—5.25
V
VINDC
SR —
Analog input voltage
—
VSSA-0.3
—
VDDA+0.3
V
VSS – VSSA
SR —
VSS differential voltage
—
–100
—
100
mV
VRL
SR —
Analog reference low
voltage
—VSSA
—VSSA+0.1
V
VRL – VSSA
SR —
VRL differential voltage
—
–100
—
100
mV
VRH
SR —
Analog reference high
voltage
—VDDA-0.1
—
VDDA
V
VRH – VRL
SR —
VREF differential voltage
—
4.75
—
5.25
V
VDDF
SR —
Flash operating
voltage(3)
—
1.14
—
1.32
V
VFLASH
(4)
SR —
Flash read voltage
—
3.0
—
3.6
V
VSTBY
SR
—
SRAM standby voltage
Keep-out Range: 1.2V–
2V
Unregulated
mode
0.95
—
1.2
V
Regulated
mode
2.0
—
5.5
VDDREG
SR —
Voltage regulator supply
voltage
—
4.75
—
5.25
V
VDDPLL
SR —
Clock synthesizer
operating voltage
—
1.14
—
1.32
V
VSSPLL – VSS SR —
VSSPLL to VSS
differential voltage
—
–100
—
100
mV
VIL_S
CC
C
Slow/medium I/O pad
input low voltage
Hysteresis
enabled
VSS-0.3
—
0.35*VDDEH
V
P
Hysteresis
disabled
VSS-0.3
—
0.40*VDDEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com