Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 104 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 100Page - STMicroelectronics SPC564A80L7 Datasheet HTML 101Page - STMicroelectronics SPC564A80L7 Datasheet HTML 102Page - STMicroelectronics SPC564A80L7 Datasheet HTML 103Page - STMicroelectronics SPC564A80L7 Datasheet HTML 104Page - STMicroelectronics SPC564A80L7 Datasheet HTML 105Page - STMicroelectronics SPC564A80L7 Datasheet HTML 106Page - STMicroelectronics SPC564A80L7 Datasheet HTML 107Page - STMicroelectronics SPC564A80L7 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 157 page
background image
Electrical characteristics
SPC564A74L7, SPC564A80B4, SPC564A80L7
104/157
Doc ID 15399 Rev 9
3.10
Oscillator and PLLMRFM electrical characteristics
10
Delay (H/L), sync Mode
tPDSYNC
CC
D
4
ns
11
Delay, Z to Normal
(High/Low)
TDZ
CC
D
—
500
ns
12
Diff Skew Itphla-tplhbI or
Itplhb-tphlaI
TSKEW
CC
D
—
0.5
ns
Termination
13
Trans. Line (differential Zo)
CC
D
—
95
100
105
14
Temperature
CC
D
–40
150
C
Table 25.
DSPI LVDS pad specification (continued)
#
Characteristic
Symbol
C
Condition
Min.
Value
Typ.
Value
Max.
Value
Unit
Table 26.
PLLMRFM electrical specifications
(VDDPLL = 1.08 V to 3.6 V, VSS = VSSPLL = 0 V, TA = TL to TH)
Symbol
C
Parameter
Conditions
Value
Unit
min
max
fref_crystal
fref_ext
CC
D
PLL reference frequency range(1)
Crystal
reference
440
MHz
C
External
reference
480
fpll_in
CC
P
Phase detector input frequency range
(after pre-divider)
—4
16
MHz
fvco
CC
P
VCO frequency range
—
256
512
MHz
fsys
CC
C
On-chip PLL frequency(2)
—
16
150
MHz
fsys
CC
T
System frequency in bypass mode(2)
Crystal
reference
440
MHz
P
External
reference
080
tCYC
CC
D
System clock period
—
—
1 / fsys
ns
fLORL
fLORH
CC
D
Loss of reference frequency
window(3)
Lower limit
1.6
3.7
MHz
D
Upper limit
24
56
fSCM
CC
P
Self-clocked mode frequency (4),(5)
—
1.2
72.25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com