Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 108 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 104Page - STMicroelectronics SPC564A80L7 Datasheet HTML 105Page - STMicroelectronics SPC564A80L7 Datasheet HTML 106Page - STMicroelectronics SPC564A80L7 Datasheet HTML 107Page - STMicroelectronics SPC564A80L7 Datasheet HTML 108Page - STMicroelectronics SPC564A80L7 Datasheet HTML 109Page - STMicroelectronics SPC564A80L7 Datasheet HTML 110Page - STMicroelectronics SPC564A80L7 Datasheet HTML 111Page - STMicroelectronics SPC564A80L7 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 157 page
background image
Electrical characteristics
SPC564A74L7, SPC564A80B4, SPC564A80L7
108/157
Doc ID 15399 Rev 9
GAINVGA2
(1)
CC
–
Variable gain amplifier accuracy (gain=2)(2)
CC
D
INL
8MHz
ADC
–5
5
Counts
CC
D
16 MHz
ADC
–8
8
Counts
CC
D
DNL
8MHz
ADC
–3
3
Counts
CC
D
16 MHz
ADC
–3
3
Counts
GAINVGA4
(1)
CC
–
Variable gain amplifier accuracy (gain=4)(2)
CC
D
INL
8MHz
ADC
–7
7
Counts
CC
D
16 MHz
ADC
–8
8
Counts
CC
D
DNL
8MHz
ADC
–4
4
Counts
CC
D
16 MHz
ADC
–4
4
Counts
DIFFmax
CC
C
Maximum
differential voltage
(DANx+ - DANx-)
or (DANx- -
DANx+)(5)
PREGAIN
set to 1X
setting
—
(VRH - VRL)/2
V
DIFFmax2
CC
C
PREGAIN
set to 2X
setting
—
(VRH - VRL)/4
V
DIFFmax4
CC
C
PREGAIN
set to 4X
setting
—
(VRH - VRL)/8
V
DIFFcmv
CC
C
Differential input
Common mode
voltage (DANx- +
DANx+)/2(5)
—
(VRH + VRL)/2 -
5%
(VRH + VRL)/2 +
5%
V
1.
Applies only to differential channels.
2.
Variable gain is controlled by setting the PRE_GAIN bits in the ADC_ACR1-8 registers to select a gain factor of
1, 2, or
4. Settings are for differential input only. Tested at 1 gain. Values for other settings are guaranteed by as indicated.
3.
At VRH – VRL = 5.12 V, one LSB = 1.25 mV.
4.
Guaranteed 10-bit mono tonicity.
5.
Voltages between VRL and VRH will not cause damage to the pins. However, they may not be converted accurately if the
differential voltage is above the maximum differential voltage. In addition, conversion errors may occur if the common
mode voltage of the differential signal violates the Differential Input common mode voltage specification.
Table 30.
eQADC differential ended conversion specifications (operating) (continued)
Symbol
C
Parameter
Value
Unit
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com