Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 107 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 103Page - STMicroelectronics SPC564A80L7 Datasheet HTML 104Page - STMicroelectronics SPC564A80L7 Datasheet HTML 105Page - STMicroelectronics SPC564A80L7 Datasheet HTML 106Page - STMicroelectronics SPC564A80L7 Datasheet HTML 107Page - STMicroelectronics SPC564A80L7 Datasheet HTML 108Page - STMicroelectronics SPC564A80L7 Datasheet HTML 109Page - STMicroelectronics SPC564A80L7 Datasheet HTML 110Page - STMicroelectronics SPC564A80L7 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
107/157
Table 29.
eQADC single ended conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
OFFNC
CC
C
Offset error without calibration
0
160
Counts
OFFWC
CC
C
Offset error with calibration
–4
4
Counts
GAINNC
CC
C
Full scale gain error without calibration
–160
0
Counts
GAINWC
CC
C
Full scale gain error with calibration
–4
4
Counts
IINJ
CC
T
Disruptive input injection current (1), (2), (3), (4)
–3
3
mA
EINJ
CC
T
Incremental error due to injection current(5),(6)
–4
4
Counts
TUE8
CC
C
Total unadjusted error (TUE) at 8 MHz
–4
4(6)
Counts
TUE16
CC
C
Total unadjusted error at 16 MHz
–8
8
Counts
1.
Below disruptive current conditions, the channel being stressed has conversion values of 0x3FF for analog inputs greater
then VRH and 0x0 for values less then VRL. Other channels are not affected by non-disruptive conditions.
2.
Exceeding limit may cause conversion error on stressed channels and on unstressed channels. Transitions within the limit
do not affect device reliability or cause permanent damage.
3.
Input must be current limited to the value specified. To determine the value of the required current-limiting resistor,
calculate resistance values using VPOSCLAMP = VDDA + 0.5 V and VNEGCLAMP = – 0.3 V, then use the larger of the
calculated values.
4.
Condition applies to two adjacent pins at injection limits.
5.
Performance expected with production silicon.
6.
All channels have same 10 k
 <Rs < 100k; Channel under test has Rs=10 k; I
INJ=IINJMAX,IINJMIN
Table 30.
eQADC differential ended conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
GAINVGA1
(1)
CC
–
Variable gain amplifier accuracy (gain=1)(2)
CC
C
INL
8MHz
ADC
–4
4
Counts(3)
CC
C
16 MHz
ADC
–8
8
Counts
CC
C
DNL
8MHz
ADC
–3(4)
3(4)
Counts
CC
C
16 MHz
ADC
–3(4)
3(4)
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com