Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 111 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 107Page - STMicroelectronics SPC564A80L7 Datasheet HTML 108Page - STMicroelectronics SPC564A80L7 Datasheet HTML 109Page - STMicroelectronics SPC564A80L7 Datasheet HTML 110Page - STMicroelectronics SPC564A80L7 Datasheet HTML 111Page - STMicroelectronics SPC564A80L7 Datasheet HTML 112Page - STMicroelectronics SPC564A80L7 Datasheet HTML 113Page - STMicroelectronics SPC564A80L7 Datasheet HTML 114Page - STMicroelectronics SPC564A80L7 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
111/157
3.16
AC specifications
3.16.1
Pad AC specifications
Table 35.
Pad AC specifications (5.0 V)(1)
Name
C
Output Delay
(ns)(2),(3)
Low-to-High / High-
to-Low
Rise/Fall Edge (ns)(3),(4)
Drive Load
(pF)
SRC/DSC
Min
Max
Min
Max
MSB,LSB
Medium(5),(6),(7)
CC
D
4.6/3.7
12/12
2.2/2.2
7/7
50
11(8)
N/A
10(9)
CC
D
12/13
28/34
5.6/6
15/15
50
01
CC
D
69/71
152/165
34/35
74/74
50
00
Slow(7),(10)
CC
D
7.3/5.7
19/18
4.4/4.3
14/14
50
11(8)
N/A
10(9)
CC
D
26/27
61/69
13/13
34/34
50
01
CC
D
137/142
320/330
72/74
164/164
50
00
MultiV(11)
(High Swing Mode)
CC
D
4.1/3.6
10.3/8.9
3.28/2.98
8/8
50
11(8)
N/A
10(9)
CC
D
8.38/6.11
16/12.9
5.48/4.81
11/11
50
01
CC
D
61.7/10.4
92.2/24.3
42.0/12.2
63/63
50
00
MultiV
(Low Swing Mode)
CC
D
2.31/2.34
7.62/6.33
1.26/1.67
6.5/4.4
30
11(8)
Fast(12)
N/A
pad_i_hv(13)
CC
D
0.5/0.5
1.9/1.9
0.3/0.3
±1.5/1.5
0.5
N/A
pull_hv
CC
D
NA
6000
5000/5000
50
N/A
1.
These are worst case values that are estimated from simulation and not tested. The values in the table are simulated at
VDD = 1.14 V to 1.32 V, VDDEH = 4.5 V to 5.5 V, TA = TL to TH
2.
This parameter is supplied for reference and is not guaranteed by design and not tested.
3.
Delay and rise/fall are measured to 20% or 80% of the respective signal.
4.
This parameter is guaranteed by characterization before qualification rather than 100% tested.
5.
In high swing mode, high/low swing pad Vol and Voh values are the same as those of the slew controlled output pads
6.
Medium Slew-Rate Controlled Output buffer. Contains an input buffer and weak pullup/pulldown.
7.
Output delay is shown in Figure 9: Pad output delay. Add a maximum of one system clock to the output delay for delay with
respect to system clock.
8.
Can be used on the tester.
9.
This drive select value is not supported. If selected, it will be approximately equal to 11.
10. Slow Slew-Rate Controlled Output buffer. Contains an input buffer and weak pullup/pulldown.
11. Selectable high/low swing IO pad with selectable slew in high swing mode only.
12. Fast pads are 3.3 V pads.
13. Stand alone input buffer. Also has weak pull-up/pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com