Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 112 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 108Page - STMicroelectronics SPC564A80L7 Datasheet HTML 109Page - STMicroelectronics SPC564A80L7 Datasheet HTML 110Page - STMicroelectronics SPC564A80L7 Datasheet HTML 111Page - STMicroelectronics SPC564A80L7 Datasheet HTML 112Page - STMicroelectronics SPC564A80L7 Datasheet HTML 113Page - STMicroelectronics SPC564A80L7 Datasheet HTML 114Page - STMicroelectronics SPC564A80L7 Datasheet HTML 115Page - STMicroelectronics SPC564A80L7 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 157 page
background image
Electrical characteristics
SPC564A74L7, SPC564A80B4, SPC564A80L7
112/157
Doc ID 15399 Rev 9
Table 36.
Pad AC specifications (VDDE = 3.3 V)
(1)
Pad Type
C
Output Delay
(ns)(2),(3)
Low-to-High / High-
to-Low
Rise/Fall Edge (ns)(3),(4) Drive Load
(pF)
SRC/DSC
Min
Max
Min
Max
MSB,LSB
Medium(5),(6),(7)
CC
D
5.8/4.4
18/17
2.7/2.1
10/10
50
11(8)
CC
D
16/13
46/49
11.2/8.6
34/34
200
N/A
10(9)
CC
D
14/16
37/45
6.5/6.7
19/19
50
01
CC
D
27/27
69/82
15/13
43/43
200
CC
D
83/86
200/210
38/38
86/86
50
00
CC
D
113/109
270/285
53/46
120/120
200
Slow(7),(10)
CC
D
9.2/6.9
27/28
5.5/4.1
20/20
50
11
CC
D
30/23
81/87
21/16
63/63
200
N/A
10(9)
CC
D
31/31
80/90
15.4/15.4
42/42
50
01
CC
D
58/52
144/155
32/26
82/85
200
CC
D
162/168
415/415
80/82
190/190
50
00
CC
D
216/205
533/540
106/95
250/250
200
MultiV(7),(11)
(High Swing Mode)
CC
D
3.7/3.1
10/10
30
11(8)
CC
D
46/49
37/37
200
N/A
10(9)
CC
D
32
15/15
50
01
CC
D
72
46/46
200
CC
D
210
100/100
50
00
CC
D
295
134/134
200
MultiV
(Low Swing Mode)
Not a valid operational mode
Fast
CC
D
2.5/2.5
1.2/1.2
10
00
CC
D
2.5/2.5
1.2/1.2
20
01
CC
D
2.5/2.5
1.2/1.2
30
10
CC
D
2.5/2.5
1.2/1.2
50
11(8)
pad_i_hv(12)
CC
D
0.5/0.5
3/3
0.4/0.4
±1.5/1.5
0.5
N/A
pull_hv
CC
D
NA
6000
5000/5000
50
N/A
1.
These are worst case values that are estimated from simulation and not tested. The values in the table are simulated at
VDD = 1.14 V to 1.32 V, VDDE = 3 V to 3.6 V, VDDEH = 3 V to 3.6 V, TA = TL to TH.
2.
This parameter is supplied for reference and is not guaranteed by design and not tested.
3.
Delay and rise/fall are measured to 20% or 80% of the respective signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com