Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 61Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 62Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 63Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 64Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 65Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 66Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 67Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 68Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
On-chip peripherals
65/136
10
On-chip peripherals
10.1
Lite timer (LT)
10.1.1
Introduction
The Lite Timer can be used for general-purpose timing functions. It is based on a free-
running 13-bit upcounter with two software-selectable timebase periods, an 8-bit input
capture register and watchdog function.
10.1.2
Main features
●
Real-time clock
–
13-bit upcounter
–
1 ms or 2 ms timebase period (@ 8 MHz fOSC)
–
Maskable timebase interrupt
●
Input capture
–
8-bit input capture register (LTICR)
–
Maskable interrupt with wakeup from Halt mode capability
●
Watchdog
–
Enabled by hardware or software (configurable by option byte)
–
Optional reset on HALT instruction (configurable by option byte)
–
Automatically resets the device unless disable bit is refreshed
–
Software reset (forced watchdog reset)
–
Watchdog reset status flag
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com