Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 16Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 17Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 18Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 19Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 20Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 21Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 22Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 23Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Flash program memory
ST7LITEUS2, ST7LITEUS5
20/136
Pin 9 has to be connected to the CLKIN pin of the ST7 when I2C mode is selected with
option bytes disabled (35-pulse I2C entry mode). When option bytes are enabled (38-pulse
I2C entry mode), the internal RC clock (internal RC or AWU RC) is forced. If internal RC is
selected in the option byte, the internal RC is provided. If AWU RC or external clock is
selected, the AWU RC oscillator is provided.
A serial resistor must be connected to I2C connector pin 6 in order to prevent contention on
PA3/RESET pin. Contention may occur if a tool forces a state on RESET pin while PA3 pin
forces the opposite state in output mode. The resistor value is defined to limit the current
below 2 mA at 5 V. If PA3 is used as output push-pull, then the application must be switched
off to allow the tool to take control of the RESET pin (PA3). To allow the programming tool to
drive the RESET pin below VIL, special care must also be taken when a pull-up is placed on
PA3 for application reasons.
Caution:
During normal operation, ICCCLK pin must be pulled- up, internally or externally (external
pull-up of 10 k
Ω mandatory in noisy environment). This is to avoid entering I2C mode
unexpectedly during a reset. In the application, even if the pin is configured as output, any
reset will put it back in input pull-up.
Figure 6.
Typical I2C interface
4.5
Memory protection
There are two different types of memory protection: readout protection and Write/Erase
Protection which can be applied individually.
4.5.1
Readout protection
Readout protection, when selected provides a protection against program memory content
extraction and against write access to Flash memory. Even if no protection can be
considered as totally unbreakable, the feature provides a very high level of protection for a
general purpose microcontroller. Program memory is protected.
I2C CONNECTOR
HE10 CONNECTOR TYPE
APPLICATION
POWER SUPPLY
1
2
4
6
8
10
97
5
3
PROGRAMMING TOOL
I2C CONNECTOR
APPLICATION BOARD
I2C Cable
(See Note 3)
ST7
OPTIONAL
See Note 1
See Note 1 and Caution
See Note 2
APPLICATION
RESET SOURCE
APPLICATION
I/O
(See Note 4)
3.3k
Ω
(See Note 5)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com