Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 33Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 34Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 35Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 36Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 37Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 38Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 39Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 40Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Supply, reset and clock management
37/136
6.4.5
Internal watchdog reset
The reset sequence generated by a internal watchdog counter overflow is shown in
Figure 13.
Starting from the watchdog counter underflow, the device RESET pin acts as an output that
is pulled low during at least tw(RSTL)out.
Figure 13.
Reset sequences
6.5
Register description
6.5.1
Multiplexed I/O Reset Control register 1 (MUXCR1)
Reset value: 0000 0000 (00h)
6.5.2
Multiplexed I/O Reset Control register 0 (MUXCR0)
Reset value: 0000 0000 (00h)
VDD
Run
RESET PIN
EXTERNAL
WATCHDOG
ACTIVE PHASE
VIT+(LVD)
VIT-(LVD)
th(RSTL)in
Run
WATCHDOG UNDERFLOW
tw(RSTL)out
Run
Run
RESET
RESET
SOURCE
EXTERNAL
RESET
LVD
RESET
WATCHDOG
RESET
INTERNAL RESET (64 TCPU)
VECTOR FETCH
ACTIVE
PHASE
ACTIVE
PHASE
7
0
MIR15
MIR14
MIR13
MIR12
MIR11
MIR10
MIR9
MIR8
Read / Write once
7
0
MIR7
MIR6
MIR5
MIR4
MIR3
MIR2
MIR1
MIR0
Read / Write once
Bits 15:0 MIR[15:0]
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com