Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 12Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 13Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 14Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 15Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 16Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 17Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 18Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 19Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Register and memory map
ST7LITEUS2, ST7LITEUS5
16/136
Table 3.
Hardware register map (1)
Address
Block
Register
label
Register name
Reset status
Remarks
0000h
0001h
0002h
Port A
PADR
PADDR
PAOR
Port A Data register
Port A Data Direction register
Port A Option register
00h(2)
08h
02h(3)
R/W
R/W
R/W
0003h-
000Ah
Reserved area (8 bytes)
000Bh
000Ch
LITE
TIMER
LTCSR
LTICR
Lite Timer Control/Status register
Lite Timer Input Capture register
0xh
00h
R/W
Read only
000Dh
000Eh
000Fh
0010h
0011h
0012h
0013h
AUTO-
RELOAD
TIMER
ATCSR
CNTRH
CNTRL
ATRH
ATRL
PWMCR
PWM0CSR
Timer Control/Status register
Counter register High
Counter register Low
Auto-Reload register High
Auto-Reload register Low
PWM Output Control register
PWM 0 Control/Status register
00h
00h
00h
00h
00h
00h
00h
R/W
Read only
Read only
R/W
R/W
R/W
R/W
0014h to
0016h
Reserved area (3 bytes)
0017h
0018h
AUTO-
RELOAD
TIMER
DCR0H
DCR0L
PWM 0 Duty Cycle register High
PWM 0 Duty Cycle register Low
00h
00h
R/W
R/W
0019h to
002Eh
Reserved area (22 bytes)
0002Fh
FLASH
FCSR
Flash Control/Status register
00h
R/W
0030h to
0033h
Reserved area (4 bytes)
0034h
0035h
0036h
ADC
ADCCSR
ADCDRH
ADCDRL
A/D Control Status register
A/D Data register High
A/D Data register Low
00h
xxh
00h
R/W
Read only
R/W
0037h
ITC
EICR1
External Interrupt Control register 1
00h
R/W
0038h
MCC
MCCSR
Main Clock Control/Status register
00h
R/W
0039h
003Ah
Clock and
Reset
RCCR
SICSR
RC oscillator Control register
System Integrity Control/Status register
FFh
0000 0x00b
R/W
R/W
003Bh to
003Ch
Reserved area (2 bytes)
003Dh
ITC
EICR2
External Interrupt Control register 2
00h
R/W
003Eh
AVD
AVDTHCR
AVD Threshold Selection register
03h
R/W
003Fh
Clock
controller
CKCNTCSR
Clock Controller Control/Status register
09h
R/W
0040h to
0046h
Reserved area (7 bytes)
0047h
0048h
MuxIO-
reset
MUXCR0
MUXCR1
Mux IO-Reset Control register 0
Mux IO-Reset Control register 1
00h
00h
R/W
R/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com