Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 92Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 93Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 94Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 95Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 96Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 97Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 98Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 99Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST7LITEUS2, ST7LITEUS5
96/136
12.3.3
Auxiliary voltage detector (AVD) thresholds
TA = −40 to 125°C, unless otherwise specified.
12.3.4
Internal RC oscillator
To improve clock stability and frequency accuracy, it is recommended to place a decoupling
capacitor, typically 100 nF, between the VDD and VSS pins as close as possible to the ST7
device.
Internal RC oscillator calibrated at 5.0 V
The ST7 internal clock can be supplied by an internal RC oscillator (selectable by option
byte).
Table 48.
Operating characteristics with AVD(1)
1.
Refer to Section : Monitoring the VDD main supply.
Symbol
Parameter
Conditions
Min
(2)
2.
Not tested in production, guaranteed by characterization.
Typ
(2)
Max
(2)
Unit
VIT+(AVD)
1 => 0 AVDF flag toggle threshold
(VDD rise)
High threshold
Med. threshold
Low threshold
4.0
3.4
2.6
4.4
3.7
2.9
4.8
4.1
3.2
V
VIT-(AVD)
0 => 1 AVDF flag toggle threshold
(VDD fall)
High threshold
Med. threshold
Low threshold
3.9
3.3
2.5
4.3
3.6
2.8
4.7
4.0
3.1
Vhys
AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
150
mV
Table 49.
Voltage drop between AVD flag set and LVD reset generation
Parameter
Min (1)
1.
Not tested in production, guaranteed by characterization.
Typ (1)
Max (1)
Unit
AVD med. threshold - AVD low. threshold
800
850
950
mV
AVD high. threshold - AVD low threshold
1400
1450
1550
AVD high. threshold - AVD med. threshold
600
650
750
AVD low threshold - LVD low threshold
100
200
250
AVD med. threshold - LVD low threshold
950
1050
1150
AVD med. threshold - LVD med. threshold
250
300
400
AVD high. threshold - LVD low threshold
1600
1700
1800
AVD high. threshold - LVD med. threshold
900
1000
1050
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com