Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 26Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 27Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 28Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 29Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 30Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 31Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 32Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 33Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Supply, reset and clock management
ST7LITEUS2, ST7LITEUS5
30/136
Figure 9.
Clock switching
6.3
Register description
6.3.1
Main Clock Control/Status register (MCCSR)
Reset value: 0000 0000 (00h)
Internal RC
AWU RC
Set RC/AWU
Poll AWU_FLAG until set
Internal RC
Reset RC/AWU
Poll RC_FLAG until set
AWU RC
7
0
000
000
MCO
SMS
Read / Write
Bits 7:2 Reserved, must be kept cleared.
Bit 1 MCO Main Clock Out enable bit
This bit is read/write by software and cleared by hardware after a reset. This bit
allows to enable the MCO output clock.
0: MCO clock disabled, I/O port free for general purpose I/O.
1: MCO clock enabled.
Bit 0 SMS Slow Mode select
This bit is read/write by software and cleared by hardware after a reset. This bit
selects the input clock fOSC or fOSC/32.
0: Normal mode (fCPU = fOSC )
1: Slow mode (fCPU = fOSC/32)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com