Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 71Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 72Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 73Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 74Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 75Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 76Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 77Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 78Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
On-chip peripherals
75/136
Counter register high (CNTRH)
Reset value: 0000 0000 (00h)
Counter register low (CNTRL)
This 12-bit register is read by software and cleared by hardware after a reset. The counter is
incremented continuously as soon as a counter clock is selected. To obtain the 12-bit value, software
should read the counter value in two consecutive read operations. As there is no latch, it is
recommended to read LSB first. In this case, CNTRH can be incremented between the two read
operations and to have an accurate result when ftimer = fCPU, special care must be taken when
CNTRL values close to FFh are read.
When a counter overflow occurs, the counter restarts from the value specified in the ATR register.
Reset value: 0000 0000 (00h)
Auto reload register (ATRH)
Reset value: 0000 0000 (00h)
Table 29.
Counter clock selection
Counter clock selection
CK1
CK0
OFF
0
0
fLTIMER (1 ms timebase @ 8 MHz)
0
1
fCPU
10
Reserved
1
1
15
8
0
0
0
0
CN11
CN10
CN9
CN8
Read only
7
0
CN7
CN6
CN5
CN4
CN3
CN2
CN1
CN0
Read only
Bits 15:12 Reserved, must be kept cleared.
Bits 11:0 CNTR[11:0] Counter value.
15
8
0
0
0
0
ATR11
ATR10
ATR9
ATR8
Read/Write
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com