Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 34Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 35Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 36Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 37Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 38Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 39Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 40Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 41Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Supply, reset and clock management
ST7LITEUS2, ST7LITEUS5
38/136
This 16-bit register is read/write by software but can be written only once between two reset
events. It is cleared by hardware after a reset; When both MUXCR0 and MUXCR1 registers
are at 00h, the multiplexed PA3/RESET pin will act as RESET. To configure this pin as
output (Port A3), write 55h to MUXCR0 and AAh to MUXCR1.
These registers are one-time writable only.
●
To configure PA3 as general purpose output:
After power-on / reset, the application program has to configure the I/O port by writing
to these registers as described above. Once the pin is configured as an I/O output, it
cannot be changed back to a reset pin by the application code.
●
To configure PA3 as RESET:
An internally generated reset (such as POR, LVD, WDG, illegal opcode) will clear the
two registers and the pin will act again as a reset function. Otherwise, a power-down is
required to put the pin back in reset configuration.
Table 8.
Multiplexed IO register map and reset values
Address
(Hex.)
Register
label
765432
10
0047h
MUXCR0
reset
value
MIR7
0
MIR6
0
MIR5
0
MIR4
0
MIR3
0
MIR2
0
MIR1
0
MIR0
0
0048h
MUXCR1
reset
value
MIR15
0
MIR14
0
MIR13
0
MIR12
0
MIR11
0
MIR10
0
MIR9
0
MIR8
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com