Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 77Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 78Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 79Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 80Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 81Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 82Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 83Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 84Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
On-chip peripherals
81/136
cycles) and the CADC sample capacitor is disconnected from the analog input pin to get
the optimum analog to digital conversion accuracy.
●
The total conversion time:
tCONV = tSAMPLE + tHOLD
While the ADC is on, these two phases are continuously repeated.
At the end of each conversion, the sample capacitor is kept loaded with the previous
measurement load. The advantage of this behavior is that it minimizes the current
consumption on the analog pin in case of single input channel measurement.
A/D conversion
The analog input ports must be configured as input, no pull-up, no interrupt. Refer to the “I/O
ports” chapter. Using these pins as analog inputs does not affect the ability of the port to be
read as a logic input.
In the ADCCSR register, select the CS[2:0] bits to assign the analog channel to convert.
ADC conversion mode
In the ADCCSR register, set the ADON bit to enable the A/D converter and to start the
conversion. From this time on, the ADC performs a continuous conversion of the selected
channel. When a conversion is complete:
●
The EOC bit is set by hardware.
●
The result is in the ADCDR registers.
A read to the ADCDRH resets the EOC bit.
To read the 10 bits, perform the following steps:
1.
Poll EOC bit
2.
Read ADCDRL
3.
Read ADCDRH. This clears EOC automatically.
To read only 8 bits, perform the following steps:
1.
Poll EOC bit
1.
Read ADCDRH. This clears EOC automatically.
10.3.4
Low power modes
The A/D converter may be disabled by resetting the ADON bit. This feature allows reduced
power consumption when no conversion is needed and between single shot conversions.
Table 31.
Effect of low power modes
Mode
Description
Wait
No effect on A/D converter
Halt
A/D converter disabled.
After wakeup from Halt mode, the A/D converter requires a stabilization time
tSTAB (see Section 12: Electrical characteristics) before accurate conversions
can be performed.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com