Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 72Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 73Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 74Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 75Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 76Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 77Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 78Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 79Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7LITEUS2, ST7LITEUS5
76/136
Auto reload register (ATRL)
This is a 12-bit register which is written by software. The ATR register value is automatically
loaded into the upcounter when an overflow occurs. The register value is used to set the
PWM frequency.
Reset value: 0000 0000 (00h)
PWM0 duty cycle register high (DCR0H)
Reset value: 0000 0000 (00h)
PWM0 duty cycle register low (DCR0L)
This 12-bit value is written by software. The high register must be written first.
In PWM mode (OE0=1 in the PWMCR register) the DCR[11:0] bits define the duty cycle of
the PWM0 output signal (see Figure 34). In Output Compare mode, (OE0=0 in the PWMCR
register) they define the value to be compared with the 12-bit upcounter value.
Reset value: 0000 0000 (00h)
7
0
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
Read/Write
Bits 15:12 Reserved, must be kept cleared.
Bits 11:0 ATR[11:0] Auto-reload Register.
15
8
0
0
0
0
DCR11
DCR10
DCR9
DCR8
Read/Write
7
0
DCR7
DCR6
DCR5
DCR4
DCR3
DCR2
DCR1
DCR0
Read/Write
Bits 15:12 Reserved, must be kept cleared.
Bits 11:0 DCR[11:0] PWMx duty cycle value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com